Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOS628A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOS628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS628A Datasheet(HTML) 3 Page - Vishay Siliconix

  VOS628A Datasheet HTML 1Page - Vishay Siliconix VOS628A Datasheet HTML 2Page - Vishay Siliconix VOS628A Datasheet HTML 3Page - Vishay Siliconix VOS628A Datasheet HTML 4Page - Vishay Siliconix VOS628A Datasheet HTML 5Page - Vishay Siliconix VOS628A Datasheet HTML 6Page - Vishay Siliconix VOS628A Datasheet HTML 7Page - Vishay Siliconix VOS628A Datasheet HTML 8Page - Vishay Siliconix VOS628A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VOS628A
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 08-Jan-14
3
Document Number: 83466
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 3 - Test Circuit
Fig. 4 - Test Circuit and Waveforms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.1
1.5
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
8pF
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
0.7
100
nA
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
80
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7V
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
6pF
COUPLER
Collector emitter saturation voltage
IF = 1 mA, IC = 0.25 mA
VCEsat
0.12
0.4
V
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 100
Ω
fctr
119
kHz
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = ± 1 mA, VCE = 5 V
VOS628A
CTR
50
600
%
VOS628A-2
CTR
63
125
%
VOS628A-3
CTR
100
200
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Turn on time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
ton
5μs
Rise time
tr
5μs
Turn off time
toff
8μs
Fall time
tf
7μs
SATURATED
Rise and fall time
IF = 1.6 mA, VCC = 5 V, RL = 1.9 k
Ω
tr
10
μs
Fall time
tf
11
μs
Turn on time
ton
14
μs
Turn off time
toff
12
μs
V
OUT
V
CC = 5 V
R
L
± I
F
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com