Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZBH06002 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ZBH06002
Description  MODELS ZBG AND ZBH STANDARD DUTY ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZBH06002 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ZBH06002 Datasheet HTML 1Page - Red Lion Controls. Inc ZBH06002 Datasheet HTML 2Page - Red Lion Controls. Inc ZBH06002 Datasheet HTML 3Page - Red Lion Controls. Inc ZBH06002 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DISC
SLOTTED
LED
PHOTO XISTOR
COMMON
DATA A
+VDC
SLOTTED
DISC
PHOTO XISTOR'S
LED'S
+VDC
DATA B
COMMON
DATA A
CABLE & CONNECTOR ASSY
(ORDER SEPARATELY)
PULSE
SHAPING
AMPLIFIER
DUAL
CHANNEL
PULSE
SHAPING
AMP.
QUADRATURE
SINGLE CHANNEL
(ORDER SEPARATELY)
CABLE & CONNECTOR ASSY
REF.
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
1. SUPPLY VOLTAGE:
+4.75 to +28 VDC @ 80 mA max. from 0 °C to 85 °C
+4.75 to +24 VDC @ 80 mA max. from 0 °C to 100 °C
2. OUTPUT: Current Sinking
ZBG and ZHG (Single Channel): 250 mA max.
ZBH (Quadrature): 250 mA max. current per output. Incremental - two
square waves in quadrature with Channel A leading Channel B for clockwise
rotation. (Quad. Phase relationship is 90° ±22.5 electrical degrees)
Note: NPN Transistor outputs have 1.5 KΩ load resistors returned to supply
for internal feed back purposes. This does not interfere with the ability to
use these outputs as conventional “Open-Collector” outputs as long as
the supply voltage for the ZB is supplied by the indicator or control
receiving its output signal. The ZB’s internal load resistor also allows the
output to be used as a current source, however, load current must be
limited to 1 mA max.
3. MAXIMUM FREQUENCY:
Single Channel: 20 KHz
Quadrature: 20 KHz
PPR available up to 1270 for both single channel and quadrature.
MECHANICAL SPECIFICATIONS
1. MAXIMUM SHAFT SPEED: 6000 RPM
2. SHAFT DIAMETER: 0.375" (9.5 mm)
3. RADIAL SHAFT LOAD: 40 lbs. operating (18 kg)
4. AXIAL SHAFT LOAD: 30 lbs operating (13.6 kg)
5. STARTING TORQUE:
ZBG & ZBH: 0.38 oz-in (2.68 N-mm)
ZHG: 3 oz-in (21.18 N-mm)
6. MOMENT OF INERTIA: 6.5 x 10-6 oz-in-sec2
7. CONNECTIONS: 6-pin MS style or 8-Pin M12 connector. (Male) Mating
connector and cable assembly sold separately. For wiring cofiguration, see
Cable Connections. For Ordering Information, see Accessories.
8. HOUSING: Black non-corrosive finished 6063-T6 aluminum.
9. BEARINGS: ABEC3 double sealed ball bearings
10. WEIGHT:
ZBG & ZBH: 10 oz (283.5 g)
ZHG: 3.8 lbs (1.72 Kg)
ENVIRONMENTAL SPECIFICATIONS
1. OPERATING TEMPERATURE: 0 ° to 100 °C (See supply voltage)
2. STORAGE TEMPERATURE: -25°C to +85°C
3. HUMIDITY: 98% RH non-condensing
4. VIBRATION: 10 g @ 58 to 500 Hz
5. SHOCK: 50 g @ 11 msec duration
ELECTRICAL CONNECTIONS
ZBH06003
600
ZBH01003
100
ZBH06002
ZBH05002
ZBH01202
ZBG06003
ZBH01002
ZBH00122
ZBH00102
ZBG01003
600
500
120
600
100
12
10
100
Dual Channel
General Service
6-Pin MS Connector
Single Channel General Service
M12 Connector
ZBG12002
1200
ZHG12004
ZBG06002
ZHG10004
ZBG01002
ZHG06004
ZBG00602
ZBG10002
PART NUMBER
1200
600
1000
100
600
60
1000
Single Channel - Heavy Duty
Rotary Pulse Generator
* For Dual Channel contact factory
Single Channel
General Service
6-Pin MS Connector
ZBH
ZHG
ZBG
PPR*
DESCRIPTION
MODEL NO.
ORDERING INFORMATION
Note: Only factory stocked part numbers are listed. Consult factory for part
number and availability of other PPR and output configurations.
Dual Channel General Service
M12 Connector
Cable Connections
The tables below list the pin connections from the ZBG and ZHG single
channel and ZBH quadrature encoder to the optional CCARPG or CCM cable.
—
5
E
GREEN
4
D
WHITE
3
C
DATA A
BLACK
2
B
COMMON
RED
1
A
+VDC
M12 CONN
6-PIN
MS CONN
FUNCTION
CABLE WIRE
COLOR
DATA B if appl. (quad)
NO CONNECTION
CCARPG50
6-Pin MS Connector w/50 feet 22 AWG 4-conductor w/drain
CCARPG25
6-Pin MS Connector w/25 feet 22 AWG 4-conductor w/drain
CCARPG00
CCARPG01
6-Pin MS Connector w/10 feet 22 AWG 4-conductor w/drain
Mating 6-Pin MS Connector
RPGFC006
RPGFC003
Flexible Coupling (1" Length) 0.375"-6 mm
Flexible Coupling (1" Length) 0.375"-0.375"
RPGFC004
RPGFC002
Flexible Coupling (1" Length) 0.375"-0.500"
Flexible Coupling (1" Length) 0.250"-0.375"
RPGFC
CCM12890
M12 Connector w/10 Meter 24 AWG 5-conductor w/drain
PART NUMBER
CCM12894
M12 Connector w/4 Meter 24 AWG 5-conductor w/drain
DESCRIPTION
MODEL NO.
ACCESSORIES
Do not dispose of unit in trash - Recycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com