Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOD0060A Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ZOD0060A
Description  MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZOD0060A Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ZOD0060A Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
(ZOH REPLACES THE MODEL RPGO)
Bulletin No. ZOD/ZOH-A
Drawing No. LP0735
Released 03/10
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
GENERAL DESCRIPTION
The Model ZOD and ZOH are Thru-Bore Encoders. The ZOD has a bore of
0.25" (6.35 mm) and the ZOH is a 0.375" (9.5 mm) bore. These units are ideal
for applications requiring a miniature, high precision, low cost encoder,
designed with all metal construction for years of trouble-free operation.
The encoders have a flexible butterfly mount and blind hollow shaft. These
encoders use two set screws that are 90° apart to clamp the encoder's hub to the
motor shaft. The NPN Open Collector outputs are each current limited to 100
mA. The outputs are standard quadrature with index, and are available in
resolutions up to 2500 pulses per shaft revolution. The quadrature separation is
typically 90 electrical degrees. Output A leads output B for clockwise rotation
of the encoder shaft.
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
1. SUPPLY VOLTAGE: 4.75 to 28 VDC, 100 mA max. with no output load
2. OUTPUTS: NPN Open Collector Transistor, VOH = 30 VDC max.; 20 mA
max. current. Incremental - Two square waves in quadrature with A leading
B for clockwise rotation.
3. MAX. FREQUENCY: 200 KHz
4. INDEX: NPN Open Collector Transistor, VOH = 30 VDC max.; 20 mA max.
current. Once per revolution centered over output Channel A. Index is a
positive going pulse.
5. NOISE IMMUNITY: Tested to BS EN61000-6-2; BS EN50081-2;
BS EN61000-4-2; BS EN61000-4-3; BS EN61000-4-6; BS EN500811
6. SYMMETRY: 180° (±18°) electrical
7. QUAD PHASING: 90° (±22.5°) electrical
8. MIN EDGE SEP: 67.5° electrical
9. ACCURACY: Within 0.017° mechanical or 1 arc minute from true
position (for PPR>189)
MECHANICAL SPECIFICATIONS
1. MAXIMUM MECHANICAL SPEED: 8000 RPM
2. BORE SIZE:
ZOD: 0.25" (6.35 mm)
ZOH: 0.375" (9.5 mm)
3. BORE TOLERANCE: -0.0000"/+0.0006"
4. USER SHAFT TOLERANCES:
Radial Runout: 0.008" max
Axial Endplay: +/- 0.030" max
5. STARTING TORQUE: 0.6 oz-in (4.24 N-mm)
6. MOMENT OF INERTIA:
6.7 x 10
-5 oz-in-sec2 (4.8 gm-cm2)
7. ELECTRICAL CONNECTIONS:
Cable is 36" (914.4 mm) in length with 24 AWG conductors w/shield.
8. MOUNTING: 1.811 (46 mm) slotted flex mount
9. WEIGHT: 3 oz. (85.0 g)
ENVIRONMENTAL SPECIFICATIONS
1. OPERATING TEMPERATURE: -20°C to 85°C
2. STORAGE TEMPERATURE: -25°C to +85°C
3. HUMIDITY: 98% RH non-condensing
4. VIBRATION: 10 g @ 58 to 500 Hz
5. SHOCK: 80 g @ 11 msec duration
6. SEALING: IP64
Open Collector Output Wiring
The ZOD and ZOH encoders have open collector outputs. An open collector
output brings the uncommitted collector of the encoder switching device to the
external world. Because the collector element is not associated with the sensor
supply voltage, the sensor output collector may be “pulled up” to external
voltages different than the encoder supply voltage (30 VDC maximum). NPN
open collector outputs are current sinking devices. An output signal will not be
generated unless a pull-up resistor is connected from the open-collector to the
positive side of an external supply. The same supply can be used for powering
the unit and for the pull-up resistor.
ORDERING INFORMATION
+VDC
FUNCTION
Red
WIRE COLOR
Common
Black
Data A
White
Data B
Green
Index Z
Orange
M3 OR 6-32
MAX. SCREW SIZE
M3 SET SCREWS
2X 90°
ROTATIONAL ADJUSTMENT
30.00°
1.00 (25.4)
0.07 (1.8)
0.80 (20.3)
BLIND BORE DEPTH
Ø1.811
(46.0)
Ø2.16
(54.9)
CABLE LENGTH
36 (914.4) STANDARD
DIMENSIONS In inches (mm)
0.25" Thru-Bore
MODEL NO.
Thru-Bore Rotary Pulse
Generators
60
ZOD0060A
0.375" Thru-Bore
ZOH0060A
100
ZOD0100A
ZOH0100A
DESCRIPTION
500
ZOD0500A
ZOH0500A
PPR
PART NUMBER
600
ZOD0600A
ZOH0600A
ZOD
&
ZOH
1000
ZOD1000A
ZOH1000A
1200
ZOD1200A
ZOH1200A
2000
ZOD2000A
ZOH2000A
2500
ZOD2500A
ZOH2500A
Only factory stocked part numbers are listed. Consult factory for part
number and availability of other PPR and output configurations.


Similar Part No. - ZOD0060A

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZOD0060A REDLION-ZOD0060A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD0060A REDLION-ZOD0060A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
More results

Similar Description - ZOD0060A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
81133A KEYSIGHT-81133A Datasheet
1Mb / 10P
3.35 GHz Pulse Pattern Generators
81134A KEYSIGHT-81134A Datasheet
1Mb / 10P
3.35 GHz Pulse Pattern Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81100 KEYSIGHT-81100 Datasheet
174Kb / 13P
Pulse Pattern Generators
logo
Red Lion Controls. Inc
ZOD0300A REDLION-ZOD0300A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD1000A REDLION-ZOD1000A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD2000A REDLION-ZOD2000A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZUK0060H REDLION-ZUK0060H Datasheet
468Kb / 2P
MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
50 MHz Programmable Pulse Generators
logo
Pico Technology Ltd.
PG900 PICO-PG900 Datasheet
2Mb / 12P
USB differential pulse generators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com