Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S89430 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S89430 Datasheet HTML 12Page - Seiko Instruments Inc S89430 Datasheet HTML 13Page - Seiko Instruments Inc S89430 Datasheet HTML 14Page - Seiko Instruments Inc S89430 Datasheet HTML 15Page - Seiko Instruments Inc S89430 Datasheet HTML 16Page - Seiko Instruments Inc S89430 Datasheet HTML 17Page - Seiko Instruments Inc S89430 Datasheet HTML 18Page - Seiko Instruments Inc S89430 Datasheet HTML 19Page - Seiko Instruments Inc S89430 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
16
Characteristics (Typical Data)
1. Current consumption (per circuit) vs. Power supply voltage
IDD
−VDD, VSS = 0 V, VCMR = VOUT =
VDD
2
01234
0.0
0.2
0.4
0.6
0.8
VDD [V]
56
1.0
Ta =
−40°C
25
°C
85
°C
2. Voltage gain vs. Frequency
AVOL
−f, VDD = 3.0 V, VSS = 0 V
0.01
0.1
1
10
100
0
20
40
60
80
f [Hz]
1000 10000
100
Ta =
−40°C
25
°C
85
°C
AVOL
−f, VDD = 1.8 V, VSS = 0 V
0.01
0.1
1
10
100
0
20
40
60
80
f [Hz]
1000 10000
100
Ta =
−40°C
25
°C
85
°C
AVOL
−f, VDD = 0.9 V, VSS = 0 V
0.01
0.1
1
10
100
0
20
40
60
80
f [Hz]
1000 10000
100
Ta =
−40°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com