Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8150 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8150
Description  SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8150 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Production Data
WM8150
w
PD Rev 3.0 November 2002
5
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA =25
°C, MCLK = 16MHz unless otherwise stated.
PARAMETER
SYMBOLTEST
CONDITIONS
MIN
TYP
MAX
UNIT
Programmable Gain Amplifier
Resolution
8bits
Gain equation
255
7.57
0]
:
PGA[7
0.78
×
+
V/V
Max gain
GMAX
6.8
8.35
8.7
V/V
Min gain
GMIN
0.75
0.78
0.82
V/V
Gain error
12
%
Internal channel offset
VOFF
10
mV
Analogue to Digital Converter
Resolution
12
bits
Maximum Speed
8
MSPS
Full-scale input range
(2*(VRT-VRB))
VFS
2.5
V
DIGITALSPECIFICATIONS
Digital Inputs
Highlevel input voltage
VIH
0.8
∗ DVDD2
V
Low level input voltage
VIL
0.2
∗ DVDD2
V
Highlevel input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CI
5pF
Digital Outputs
Highlevel output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL =1mA
0.5
V
Supply Currents
Total supply current
− active
35
45
mA
Total analogue AVDD, supply
current
− active
IAVDD
30
40
mA
Total digital core, DVDD1,
supply current
− active
IDVDD1
1.7
2
mA
Digital I/O supply current,
DVDD2
− active (see note 3)
IDVDD2
45
mA
Supply current
− full power down
mode
300
400
µA
Notes:
3.
Digital I/O supply current depends on the capacitive load attached to the pin. The Digital I/O supply current is
measured with approximately 50pF attached to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com