Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB459 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AWB459 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2017
AWB459
Wide band MMIC Amplifier
0
100
200
300
400
500
600
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
Frequency (MHz)
10
15
20
25
30
0
100
200
300
400
500
600
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0
1
2
3
4
5
1) OIP3 is measured with two tones at an output power of +8 dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
21.4
250
512
Magnitude S21 (dB)
24
23.5
23
Magnitude S11 (dB)
-16
-14
-20
Magnitude S22 (dB)
-18
-20
-15
Output P1dB (dBm)
18.5
19
19
Output IP31) (dBm)
35.5
35.0
34.0
Noise Figure (dB)
0.7
0.9
1.1
Device Voltage (V)
+3
Current (mA)
100
IF
21.4 ~ 512 MHz
+3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com