Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8978GEFL/RV Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8978GEFL/RV
Description  STEREO CODEC WITH SPEAKER DRIVER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978GEFL/RV Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8978GEFL/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
WM8978
Product Preview
w
PP Rev 1.7 January 2005
64
Figure 31 3-Wire Serial Control Interface
2-WIRE SERIAL CONTROL MODE
The WM8978 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit device address (this is not the same as the 7-bit
address of each register in the WM8978).
The WM8978 operates as a slave 2-wire device only. The controller indicates the start of data
transfer with a high to low transition on SDIN while SCLK remains high. This indicates that a device
address and data will follow. All devices on the 2-wire bus respond to the start condition and shift in
the next eight bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address
received matches the address of the WM8978, then the WM8978 responds by pulling SDIN low on
the next clock pulse (ACK). If the address is not recognised or the R/W bit is ‘1’ when operating in
write only mode, the WM8978 returns to the idle condition and wait for a new start condition and
valid address.
During a write, once the WM8978 has acknowledged a correct address, the controller sends the first
byte of control data (B15 to B8, i.e. the WM8978 register address plus the first bit of register data).
The WM8978 then acknowledges the first data byte by pulling SDIN low for one clock pulse. The
controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register
data), and the WM8978 acknowledges again by pulling SDIN low.
Transfers are complete when there is a low to high transition on SDIN while SCLK is high. After a
complete sequence the WM8978 returns to the idle state and waits for another start condition. If a
start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN
changes while SCLK is high), the device jumps to the idle condition.
SDIN
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 1
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 32 2-Wire Serial Control Interface
In 2-wire mode the WM8978 has a fixed device address, 0011010.
RESETTING THE CHIP
The WM8978 can be reset by performing a write of any value to the software reset register (address
0 hex). This will cause all register values to be reset to their default values. In addition to this there
is a Power-On Reset (POR) circuit which ensures that the registers are set to default when the
device is powered up.
POWER SUPPLIES
The WM8978 can use up to four separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A large AVDD slightly
improves audio quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com