Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9709CDS Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9709CDS
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9709CDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Production Data
WM9709
w
PD Rev 1.3 February 2003
7
SDATAOUT
SDATAIN,
BITCLK
t
setup2rst
RESETB
t
off
Hi-Z
Figure 4 ATE Test Mode Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Setup to trailing edge of RESETB
(also applies to SYNC)
Tsetup2rst
15.0
-
-
nS
Rising edge of RESETB to Hi-Z
delay
Toff
-
-
25.0
nS
Notes:
1.
All WM9709 signals are normally low through the trailing edge of RESETB. Bringing
SDATAOUT high for the trailing edge of RESETB causes WM9709’s AC-link outputs to go high
impedance, which is suitable for ATE in circuit testing.
2.
A vendor specific internal test mode can be entered by bringing SYNC high for the trailing edge
of RESETB. This mode has no effect on WM9709 AC-link output signal levels.
3.
Once either of the two test modes have been entered, WM9709 must be issued another
RESETB with all AC-link signals low to return to the normal operating mode.
SIGNAL RISE AND FALL TIMES
BITCLK
SYNC
SDATAIN
SDATAOUT
trise
CLK
tfall
CLK
trise
SYNC
tfall
SYNC
trise
DIN
tfall
DIN
trise
DOUT
tfall
DOUT
Figure 5 Signal Rise and Fall Times (50pF external load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com