Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5645 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X5645
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5645 Datasheet(HTML) 4 Page - Xicor Inc.

  X5645 Datasheet HTML 1Page - Xicor Inc. X5645 Datasheet HTML 2Page - Xicor Inc. X5645 Datasheet HTML 3Page - Xicor Inc. X5645 Datasheet HTML 4Page - Xicor Inc. X5645 Datasheet HTML 5Page - Xicor Inc. X5645 Datasheet HTML 6Page - Xicor Inc. X5645 Datasheet HTML 7Page - Xicor Inc. X5645 Datasheet HTML 8Page - Xicor Inc. X5645 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
4 of 19
REV 1.1.1 3/5/01
www.xicor.com
Figure 3. VTRIP Programming Sequence Flow Chart
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 10mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error
≥ Emax
Error < Emax
YES
NO
Error > Emax
Emax = Maximum Desired Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com