Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB205 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB205
Description  Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB205 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB205 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB205 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB205 ~ MB207
Voltage 600V ~ 1000V
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
01-Jul-2015 Rev. A
Page 1 of 2
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Halogen-free type
Internal structure with GPRC (glass passivated rectifier chip) inside
Compliance to RoHS product
Lead less chip form, no lead damage
Low power loss, High efficiency
High current capability
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
APPLICATION
AC/DC power supply
Communication equipment
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy under-filled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026
Polarity: Laser marking symbols
Weight: 0.11 gram
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBCR
5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise noted)
PARAMETER
SYMBOL
MB205
MB206
MB207
UNIT
Repetitive Peak Reverse Voltage
VRRM
600
800
1000
V
Average Forward Current
IF(AV)
2.0
A
Peak Forward Surge Current @ 8.3ms single half
sine-wave
IFSM
50
A
Operating junction and Storage Temperature Range
TJ, TSTG
-55~+175
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage @ IF= 2.0A
VF
-
0.95
1.00
V
Repetitive peak reverse current @VR=Max.
VRRM
IRRM
-
0.08
5
uA
Current squared time,t < 8.3ms
I
2t
-
10.4
-
A
2s
Junction Capacitance, VR = 4V, f =1.0MHz
CJ
-
25
-
pF
Thermal Resistance Junction to Ambient
1
RθJA
-
95
-
Thermal Resistance Junction to Lead
1
RθJL
-
15
-
°C / W
Notes:
1.
Thermal resistance, junction to ambient, measured on PC board with 5.0 x 5.0mm (0.03mm thick) land areas.
MBCR
~
~
A
B
C
D
E
F
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.20
5.40
E
1.00
1.20
B
5.70
5.90
F
0.85
0.95
C
1.05
1.35
G
R 0.2 REF.
D
3.25
3.35
MARKING


Similar Part No. - MB205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
Dual octal registered transceiver 3-State
August 23, 1993
MB2052BB PHILIPS-MB2052BB Datasheet
105Kb / 7P
Dual octal registered transceiver 3-State
August 23, 1993
logo
SeCoS Halbleitertechnol...
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - MB205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G_16 Datasheet
207Kb / 4P
35A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
40A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_16 Datasheet
210Kb / 4P
50A, 600V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com