Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPI Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9241AMPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMPI Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9241AMPI Datasheet HTML 9Page - Xicor Inc. X9241AMPI Datasheet HTML 10Page - Xicor Inc. X9241AMPI Datasheet HTML 11Page - Xicor Inc. X9241AMPI Datasheet HTML 12Page - Xicor Inc. X9241AMPI Datasheet HTML 13Page - Xicor Inc. X9241AMPI Datasheet HTML 14Page - Xicor Inc. X9241AMPI Datasheet HTML 15Page - Xicor Inc. X9241AMPI Datasheet HTML 16Page - Xicor Inc. X9241AMPI Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X9241A
Characteristics subject to change without notice.
13 of 18
REV 1.1.13 12/09/02
www.xicor.com
A.C. CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Figure 10. Input Bus Timing
Figure 11. Output Bus Timing
Symbol
Parameter
Limits
Unit
Reference
Figure
Min.
Max.
fSCL
(5)
SCL clock frequency
0
100
kHz
10
tLOW
(5)
Clock LOW period
4700
ns
10
tHIGH
(5)
Clock HIGH period
4000
ns
10
tR
(5)
SCL and SDA rise time
1000
ns
10
tF
(5)
SCL and SDA fall time
300
ns
10
Ti
(5)(9)
Noise suppression time constant (glitch filter)
20
ns
10
tSU:STA
(5)
Start condition setup time (for a repeated start condition)
4700
ns
10 & 12
tHD:STA
(5)
Start condition hold time
4000
ns
10 & 12
tSU:DAT
(5)
Data in setup time
250
ns
10
tHD:DAT
(5)
Data in hold time
0
ns
10
tAA
(5)
SCL LOW to SDA data out valid
3500
ns
11
tDH
(5)
Data out hold time
50
ns
11
tSU:STO
(5)
Stop condition setup time
4700
ns
10 & 12
tBUF
(5)
Bus free time prior to new transmission
4700
ns
10
tWR
(5)
Write cycle time (nonvolatile write operation)
10
ms
13
tSTPWV
(5)
Wiper response time from stop generation
500
µs
13
tCLWV
(5)
Wiper response from SCL LOW
1000
µs
6
tR VCC
VCC power-up rate
0.2
50
mV/µs
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tF
tSU:STO
tR
tBUF
SCL
SDA
(Data in)
tAA
tDH
SCL
SDA
SDAOUT (ACK)
SDAOUT
SDAOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com