Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX415 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASX415
Description  250 ~ 4000 MHz MMIC Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX415 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASX415_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX415_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX415
250 ~ 4000 MHz MMIC Amplifier
+5 V, 155 mA
+4.75 V, 123 mA
Test Source: WCDMA 4FA (3GPP 3.4 12-00), Test Model1 w/64 DPCH, PAR = 13 dB @ 0.01 % probability on CCDF, 1950 MHz, 5 MHz offset
Test Source: WCDMA 1FA (3GPP 3.4 12-00), Test Model1 w/64 DPCH,
Test Source: IS-95, 9ch. Forward 30 kHz Meas BW, 1950 MHz,
PAR = 13 dB @ 0.01 % probability on CCDF, 1950 MHz, 5 MHz offset
750 kHz offset
WCDMA ACLR – 4FA
10
11
12
13
14
15
16
17
-60
-55
-50
-45
-40
-35
Output Channel Power (dBm)
5 V
4.75 V
11
12
13
14
15
16
17
18
19
20
21
22
23
-75
-70
-65
-60
-55
-50
-45
-40
-35
Output Channel Power (dBm)
5 V
4.75 V
WCDMA ACLR – 1FA
CDMA ACPR – 1FA
11
12
13
14
15
16
17
18
19
20
21
22
23
-75
-70
-65
-60
-55
-50
-45
-40
-35
Output Channel Power (dBm)
5 V
4.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com