Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2150HT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2150HT
Description  Voltage 150~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2150HT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM2150HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2150HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM2150HT/ SM2200HT
Voltage 150~200V
2.0 Amp Surface Mount Schottky Barrier Rectifiers
31-Oct-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Low power loss, high efficiency.
High current capability, low forward voltage drop.
Guarding for overvoltage protection
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123HT
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
MARKING
Product
SM2150HT
SM2200HT
Marking
215
220
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Part Number
Parameter
Symbol
SM2150HT
SM2200HT
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
150
200
V
Maximum RMS Voltage
VRMS
105
140
V
Continuous reverse voltage
VR
150
200
V
Maximum Instantaneous Forward Voltage
@
IF=2.0A
VF
0.9
0.92
V
Maximum Average Forward Rectified Current,
See Fig.1
IO
2
A
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
50
A
TJ=25°C
0.2
Maximum Reverse Current
TJ=100°C
IR
10
mA
Typical Junction Capacitance f=1MHz and
applied 4V DC reverse voltage
CJ
160
pF
Junction to ambient
RθJA
72
°C / W
Thermal resistance
Junction to case
RθJC
36
°C / W
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
SOD-123HT
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.3
3.7
H
0.6 TYP.
B
1.4
1.8
I
0.6
0.8
C
0.3 TYP.
J
0.75
0.85
D
0.6
1.0
K
1.0
1.2
E
0.1 TYP.
L
1.1
1.3
F
0.8 TYP.
M
1.9
2.1
G
1.0
1.2


Similar Part No. - SM2150HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2150HT SECOS-SM2150HT_15 Datasheet
142Kb / 2P
2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM2150HT

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM240HT SECOS-SM240HT Datasheet
107Kb / 2P
Voltage 40,60,100V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SK22 BYTESONIC-SK22 Datasheet
649Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/5/23
SK22 BYTESONIC-SK22_V02 Datasheet
249Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2018/8/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com