Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS215AM Datasheet(PDF) 1 Page - Rohm

Part # SCS215AM
Description  SiC Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS215AM Datasheet(HTML) 1 Page - Rohm

  SCS215AM Datasheet HTML 1Page - Rohm SCS215AM Datasheet HTML 2Page - Rohm SCS215AM Datasheet HTML 3Page - Rohm SCS215AM Datasheet HTML 4Page - Rohm SCS215AM Datasheet HTML 5Page - Rohm SCS215AM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS215AM
SiC Schottky Barrier Diode
*1 Tc=55°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10s square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10% *6 Tc=25°C
3) High-speed switching possible
Outline
Inner circuit
Packaging specifications
TO-220FM
2) Reduced temperature dependence
650V
15A
VR
IF
QC
Features
23nC
1) Shorter recovery time
A
W
Symbol
Construction
Silicon carbide epitaxial planer Schottky Diode
Parameter
V
V
A
A
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C
SCS215AM
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Packing code
Unit
Value
Repetitive peak forward current
Total power disspation
Junction temperature
VR
IF
IFSM
IFRM
PD
650
650
15*
1
34*
5
39*
6
55*
2
Absolute maximum ratings (T
j = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
Tj
Tstg
175
55 to 175
Range of storage temperature
200*
3
A
43*
4
°C
°C
(1)
(2)
(1) Cathode
(2) Anode
(1)
(2)
1/4
2017.06 - Rev.D


Similar Part No. - SCS215AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS215AM ROHM-SCS215AM Datasheet
499Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS215AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com