Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1022 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCT1022
Description  LOW OFFSET HIGH-SIDE CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1022 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCT1022 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Voltage on any pin
-0.6V to 20V
Vsense
-0.6V to Vin + 0.5V
Operating temperature
-40 to 85
°C
Storage temperature
-55 to 150
°C
Package power dissipation
(TA = 25
°C)
SOT23
450mW
ZXCT1022
SEMICO NDUC TORS
PROVISIONAL ISSUE J - APRIL 2004
2
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
Min
Typ
Max
Vin
VCC range
2.5
20
V
Vout
Output voltage
(ZXCT1022)
Vsense =0V
Vsense = 10mV
Vsense = 30mV
Vsense = 100mV
0
0.97
2.91
9.7
30
1.0
3.0
10.0
100
1.03
3.09
10.3
mV
V
V
V
Rout
Output resistance
10
15
20
K
Tc
Output temperature
coefficient
50
300
ppm
Iq
Ground pin current
Vsense =0V
25
35
A
Vsense
(2)
Sense voltage
0
1.5
V
Isense
Load pin input
current
100
nA
Acc
Accuracy
Vsense = 10mV
-3
3
%
Gain
Vout /Vsense
Vsense = 10mV
0.97
1.0
1.03
V
BW
Bandwidth
Vsense = 10mV
Vsense = 100mV
300
2
kHz
MHz
ELECTRICAL CHARACTERISTICS Test Conditions TA = 25°C, Vin = 15V
NOTES
(2)
Vsense= Vin -Vload
TC Limits are determined by characterization.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com