Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC245A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC245A
Description  Octal TRI-STATE Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC245A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC245A Datasheet HTML 1Page - National Semiconductor (TI) MM54HC245A Datasheet HTML 2Page - National Semiconductor (TI) MM54HC245A Datasheet HTML 3Page - National Semiconductor (TI) MM54HC245A Datasheet HTML 4Page - National Semiconductor (TI) MM54HC245A Datasheet HTML 5Page - National Semiconductor (TI) MM54HC245A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5165
January 1988
MM54HC245AMM74HC245A
Octal TRI-STATE
Transceiver
General Description
This TRI-STATE bidirectional buffer utilizes advanced sili-
con-gate CMOS technology and is intended for two-way
asynchronous communication between data buses It has
high drive current outputs which enable high speed opera-
tion even when driving large bus capacitances This circuit
possesses the low power consumption and high noise im-
munity usually associated with CMOS circuitry yet has
speeds comparable to low power Schottky TTL circuits
This device has an active low enable input G and a direction
control input DIR When DIR is high data flows from the A
inputs to the B outputs When DIR is low data flows from
the B inputs to the A outputs
The MM54HC245A
MM74HC245A transfers true data from one bus to the oth-
er
This device can drive up to 15 LS-TTL Loads and does not
have Schmitt trigger inputs All inputs are protected from
damage due to static discharge by diodes to VCC and
ground
Features
Y
Typical propagation delay 13 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 80 mA maximum (74 HC)
Y
TRI-STATE outputs for connection to bus oriented
systems
Y
High output drive 6 mA (minimum)
Y
Same as the ’645
Connection Diagram
Dual-In-Line Package
TLF5165 – 1
Top View
Order Number MM54HC245A or MM74HC245A
Truth Table
Control
Inputs
Operation
G
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
H e high level L e low level X e irrelevant
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC245A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC242 NSC-MM54HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
MM54HC242J NSC-MM54HC242J Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
MM54HC243 NSC-MM54HC243 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
MM54HC243J NSC-MM54HC243J Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
More results

Similar Description - MM54HC245A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
Octal Transceiver/Register with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
TRI-STATE Octal Bus Transceiver
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
Octal TRI-STATE Transceiver
54F646 NSC-54F646 Datasheet
216Kb / 12P
Octal Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com