Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G240DP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVC2G240DP
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G240DP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVC2G240DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 15Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 16Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 17Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 18Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2003 Mar 11
15
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V tolerant
inputs/outputs; inverting; 3-state
74LVC2G240
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. For more detailed information on the BGA packages refer to the
“(LF)BGA Application Note” (AN01026); order a copy
from your Philips Semiconductors sales office.
2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
3. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder
cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side,
the solder might be deposited on the heatsink surface.
4. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
5. Wave soldering is suitable for LQFP, TQFP and QFP packages with a pitch (e) larger than 0.8 mm; it is definitely not
suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
6. Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE(1)
SOLDERING METHOD
WAVE
REFLOW(2)
BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA
not suitable
suitable
DHVQFN, HBCC, HBGA, HLQFP, HSQFP, HSOP, HTQFP,
HTSSOP, HVQFN, HVSON, SMS
not suitable(3)
suitable
PLCC(4), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(4)(5)
suitable
SSOP, TSSOP, VSO, VSSOP
not recommended(6)
suitable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com