Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP033D Datasheet(PDF) 1 Page - Anachip Corp

Part # AP033D
Description  1.5A Low Dropout Positive Fixed-Mode Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP033D Datasheet(HTML) 1 Page - Anachip Corp

  AP033D Datasheet HTML 1Page - Anachip Corp AP033D Datasheet HTML 2Page - Anachip Corp AP033D Datasheet HTML 3Page - Anachip Corp AP033D Datasheet HTML 4Page - Anachip Corp AP033D Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.5A Low Dropout Positive Fixed-Mode Regulator
AP033
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Aug.27, 2004
1/5
Features
3-Terminal and Fixed 3.3V
1.4V Maximum Dropout at Full Load Current.
Fast Transient Response.
Built-in Thermal Shutdown.
Output Current Limiting.
Applications
PC peripheral
Communication
General Description
AP033 is a low dropout positive fixed-mode
regulator with minimum of 1.5A output current
capability. The product is specifically designed to
provide well-regulated supply for low voltage IC
applications such as high-speed bus termination
and low current 3.3V logic supply. AP033 is
guaranteed to have <1.4V dropout at full load
current making it ideal to provide well regulated
outputs of 3.3V with 4.7V to 12V input supply by
different output voltage.
Ordering Information
AP 033 X X X
LDO Regulator
Package
Packing
033 Vout = 3.3V
D : TO252-3L
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Pin Assignments
3 PIN TO252
3
2
1
GND
VIN
VOUT
Tab is GND
Pin Descriptions
Name Pin #
Function
VIN
1
The input pin of regulator.
Typically a large storage
capacitor is connected from this
pin to ground to insure that the
input voltage does not sag below
the minimum dropout voltage
during the load transient
response. This pin must always
be 1.4V higher than VOUT in
order for the device to regulate
properly.
GND
2
Ground
VOUT
3
The output of the regulator. A
minimum of 10µF capacitor
must be connected from this pin
to ground to insure stability.
Ground


Similar Part No. - AP033D

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AP0332 SUTEX-AP0332 Datasheet
50Kb / 4P
8 P-Channel Latchable Power MOSFET Array
AP0332CG SUTEX-AP0332CG Datasheet
50Kb / 4P
8 P-Channel Latchable Power MOSFET Array
AP0332ND SUTEX-AP0332ND Datasheet
50Kb / 4P
8 P-Channel Latchable Power MOSFET Array
More results

Similar Description - AP033D

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 6
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com