Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT41532 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # AT41532
Description  NPN SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41532 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button AT41532 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 11Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 12Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 13Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT-41532 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 5 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.239
-113
18.69
8.601
98
-28.05
0.040
69
0.641
-18
0.75
0.182
-140
15.51
5.966
86
-25.18
0.055
70
0.611
-19
1.0
0.160
-162
13.20
4.571
78
-22.94
0.071
71
0.597
-20
1.5
0.155
164
9.95
3.144
63
-19.50
0.106
69
0.585
-26
2.0
0.167
140
7.75
2.440
51
-16.89
0.143
66
0.578
-33
3.0
0.201
105
4.87
1.751
29
-12.90
0.226
57
0.566
-49
4.0
0.246
76
3.05
1.421
9
-9.80
0.324
45
0.553
-67
5.0
0.306
54
1.79
1.229
-10
-7.24
0.434
31
0.523
-88
6.0
0.369
40
0.86
1.105
-26
-5.11
0.555
14
0.461
-115
7.0
0.430
27
0.23
1.027
-42
-3.33
0.682
-5
0.366
-149
8.0
0.489
14
-0.35
0.961
-58
-2.11
0.785
-26
0.308
161
9.0
0.539
-1
-0.91
0.900
-73
-1.49
0.842
-47
0.342
110
10.0
0.588
-16
-1.58
0.834
-88
-1.45
0.846
-68
0.419
70
11.0
0.638
-29
-3.09
0.701
-102
-1.93
0.801
-88
0.501
40
12.0
0.713
-38
-3.24
0.689
-115
-2.58
0.743
-104
0.616
9
Figure 15. Gain vs. Frequency at
5 V, 10 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
gmax
dB(S|2,1|)
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-7PM6.0J
2001.04.25, 7:58 PM
Page 10
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com