Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES521 Datasheet(PDF) 8 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 8 Page - Winbond

Back Button ES521 Datasheet HTML 4Page - Winbond ES521 Datasheet HTML 5Page - Winbond ES521 Datasheet HTML 6Page - Winbond ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Preliminary
Storing Custom Configurations
The application comes pre-configured with a few useful paths that can be found in the Paths
menu.
To add new paths, simply set up the desired configuration and select ‘Add Path’ from the Paths
menu, a window will appear asking for a name for this configuration. Fill in a descriptive name
(max 32 characters) and click OK to store this path. The paths are permanently stored on the
computer. A maximum of 32 paths can be stored.
To remove a stored path, select the path from the Path menu and click ‘Remove Path’ in the Path
menu. The Path will be permanently removed.
Analog Play and Record
The ES521 Demo System allows full playback and record capabilities from the main application
window. The 5216 supports two types of addressing:
Use current address – Recording or Playback starts from the position of the current address
pointer, no address is sent as part of the command. The address pointer can be retrieved from by
pressing the ‘Read Status’ button which displays the address bytes as two hexadecimal numbers
(high and low address byte)
Supply address – Record and Playback can be setup by sending an address with the Play or
Record command. See the 5216 datasheet for addressing details.
Play – Play from the current address
Play from address – Play from the address given in the box below the button.
Record – Record from the current address.
Record from address – Record from the address given in the box below the button.
The Status Register
The Status register gives an indication of what the chip is currently doing, and the current address
pointer.
Select which chip to use (main or secondary 5216) and click the ‘Read Status’ button near the
bottom of the screen to update the status. It gives the following information:
Table 1 – Status Register bits
EOM
Indicates that an End Of Message interrupt has occurred
OVF
Indicates that Recording or Playback reached the end of the array
RDY
When set, the chip is ready to accept new commands.
PD
Set when the chip is powered down
PRB
Set when chip is in playback mode, cleared when in record mode
Address
The current address pointer to the memory array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com