Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP77533W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP77533W
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP77533W Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP77533W Datasheet HTML 1Page - Vishay Siliconix TSOP77533W Datasheet HTML 2Page - Vishay Siliconix TSOP77533W Datasheet HTML 3Page - Vishay Siliconix TSOP77533W Datasheet HTML 4Page - Vishay Siliconix TSOP77533W Datasheet HTML 5Page - Vishay Siliconix TSOP77533W Datasheet HTML 6Page - Vishay Siliconix TSOP77533W Datasheet HTML 7Page - Vishay Siliconix TSOP77533W Datasheet HTML 8Page - Vishay Siliconix TSOP77533W Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSOP773..W, TSOP775..W
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 13-Sep-17
1
Document Number: 82467
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
ORDERING CODE EXAMPLE:
Taping:
TSOP77...WTT - top view taped
TSOP77...WTR - side view taped
FEATURES
• Improved immunity against HF and RF noise
• Continuous data transmission possible
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Capable of side or top view
• Insensitive to supply voltage ripple and noise
• Low profile 2.35 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP773..W, TSOP775..W series are miniaturized
receiver module for infrared remote control systems. One
PIN diode per lens and a preamplifier are assembled on a
leadframe, the epoxy lens cap contains an IR filter.
The TSOP773..W series devices are optimized to suppress
almost all spurious pulses from Wi-Fi and CFL sources.
They may suppress some data signals if continuously
transmitted.
New designs should prefer the TSOP773..W series
containing the newer AGC3. The TSOP775..W series are
useful to suppress even extreme levels of optical noise, but
may also suppress some data signals. Please check
compatibility with your codes.
These components have not been qualified according to
automotive specifications.
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP77330W
TSOP77530W
33 kHz
TSOP77333W
TSOP77533W
36 kHz
TSOP77336W (1)
TSOP77536W
38 kHz
TSOP77338W (2)(3)(4)(5)
TSOP77538W
40 kHz
TSOP77340W
TSOP77540W
56 kHz
TSOP77356W
TSOP77556W
Package
Heimdall no lens
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 3.0 H x 2.35 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2


Similar Part No. - TSOP77533W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP77533 VISHAY-TSOP77533 Datasheet
297Kb / 12P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77533 VISHAY-TSOP77533 Datasheet
625Kb / 26P
IR Receiver Modules for Remote Control Systems
26-Apr-2018
More results

Similar Description - TSOP77533W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com