Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843023 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS843023
Description  3.3V, 250MHZ LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843023 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS843023 Datasheet HTML 2Page - Integrated Circuit Systems ICS843023 Datasheet HTML 3Page - Integrated Circuit Systems ICS843023 Datasheet HTML 4Page - Integrated Circuit Systems ICS843023 Datasheet HTML 5Page - Integrated Circuit Systems ICS843023 Datasheet HTML 6Page - Integrated Circuit Systems ICS843023 Datasheet HTML 7Page - Integrated Circuit Systems ICS843023 Datasheet HTML 8Page - Integrated Circuit Systems ICS843023 Datasheet HTML 9Page - Integrated Circuit Systems ICS843023 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
843023AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
6
Integrated
Circuit
Systems, Inc.
ICS843023
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 250MHZ LVPECL CLOCK GENERATOR
PRELIMINARY
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843023.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843023 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX = VCC_MAX * IEE_MAX = 3.465V * 65mA= 225.2mW
• Power (outputs)
MAX = 30mW/Loaded Output pair
Total Power
_MAX (3.465V, with all outputs switching) = 225.2mW + 30mW = 255.2mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 90.5°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.255W * 90.5°C/W = 93.1°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
8-PIN SOIC, FORCED CONVECTION
θθθθθ
JA by Velocity (Meter per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com