Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1323P Datasheet(PDF) 1 Page - Analog Power

Part # AM1323P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1323P Datasheet(HTML) 1 Page - Analog Power

  AM1323P Datasheet HTML 1Page - Analog Power AM1323P Datasheet HTML 2Page - Analog Power AM1323P Datasheet HTML 3Page - Analog Power AM1323P Datasheet HTML 4Page - Analog Power AM1323P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM1323P
P-Channel 20-V (D-S) MOSFET
VDS (V)
ID (A)
-1.3
-1.1
Symbol
Limit
Units
VDS
-20
VGS
±8
TA=25°C
-1.3
TA=70°C
-1.0
IDM
-5
IS
-0.5
A
TA=25°C
0.34
TA=70°C
0.22
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
375
430
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
PRODUCT SUMMARY
-20
rDS(on) (mΩ)
150 @ VGS = -4.5V
190 @ VGS = -2.5V
Gate-Source Voltage
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
SC70-3
© Preliminary
1
Publication Order Number:
DS_AM1323P_1A


Similar Part No. - AM1323P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
N-Channel 20V (D-S) MOSFET
AM1321P ANALOGPOWER-AM1321P Datasheet
261Kb / 5P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM1323P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com