Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3088AM Datasheet(PDF) 1 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 1 Page - International Rectifier

  IR3088AM Datasheet HTML 1Page - International Rectifier IR3088AM Datasheet HTML 2Page - International Rectifier IR3088AM Datasheet HTML 3Page - International Rectifier IR3088AM Datasheet HTML 4Page - International Rectifier IR3088AM Datasheet HTML 5Page - International Rectifier IR3088AM Datasheet HTML 6Page - International Rectifier IR3088AM Datasheet HTML 7Page - International Rectifier IR3088AM Datasheet HTML 8Page - International Rectifier IR3088AM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet No. PD94704
IR3088A
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
DESCRIPTION
The IR3088A Phase IC combined with an IR XPhase
TM Control IC provides a full featured and flexible way to
implement power solutions for the latest high performance CPUs and ASICs. The “Control” IC provides
overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single
phase of a multiphase converter. The XPhase
TM architecture results in a power supply that is smaller, less
expensive, and easier to design while providing higher efficiency than conventional approaches.
The IR3088A is intended for the following application conditions;
•
Excessive impedance between converter and load
•
Output voltage exceeding the control IC reference/VID voltage is desired
FEATURES
•
2.5A Average Gate Drive Current
•
Loss-Less Inductor Current Sense
•
Internal Inductor DCR Temperature Compensation
•
Programmable Phase Delay
•
Programmable Feed-Forward Voltage Mode PWM Ramp
•
Sub 100ns Minimum Pulse Width supports 1MHz per-phase operation
•
Current Sense Amplifier drives a single wire Average Current Share Bus
•
Current Share Amplifier reduces PWM Ramp slope to ensure sharing between phases
•
Body Braking
TM disables Synchronous MOSFET for improved transient response and prevents negative
output voltage at converter turn-off
•
Phase Fault Detection
•
Programmable Phase Over-Temperature Detection
•
Control FET driver’s 25V input voltage capability simplifies boot-strap supply design
•
Small thermally enhanced 20L MLPQ package
PACKAGE PINOUT
HOTSET
3
GATEH
14
VCCH
15
ISHARE
5
IR3088A
PHASE
IC
GATEL
12
RMPIN+
1
VRHOT
4
PGND
13
RMPIN-
2
VCCL
11
Page 1 of 34
9/30/04


Similar Part No. - IR3088AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3088AM IRF-IR3088AM Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088AMTR IRF-IR3088AMTR Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results

Similar Description - IR3088AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com