Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7488 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7488
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7488 Datasheet(HTML) 6 Page - International Rectifier

  IRF7488 Datasheet HTML 1Page - International Rectifier IRF7488 Datasheet HTML 2Page - International Rectifier IRF7488 Datasheet HTML 3Page - International Rectifier IRF7488 Datasheet HTML 4Page - International Rectifier IRF7488 Datasheet HTML 5Page - International Rectifier IRF7488 Datasheet HTML 6Page - International Rectifier IRF7488 Datasheet HTML 7Page - International Rectifier IRF7488 Datasheet HTML 8Page - International Rectifier IRF7488 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7488
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
240
ID
TOP
1.7A
3.0A
BOTTOM 3.8A
0
20
40
60
80
ID , Drain Current (A)
0.022
0.024
0.026
0.028
0.030
0.032
0.034
0.036
VGS= 10V
4.0
8.0
12.0
16.0
VGS, Gate -to -Source Voltage (V)
0.02
0.03
0.04
0.05
ID = 3.8A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com