Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD153S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MD153S
Description  Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MD153S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MD153S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MD153S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MD151S ~ MD157S
Voltage 50V ~ 1000V
1.5 Amp Surface Mount Bridge Rectifiers
18-Apr-2014 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Plastic material has UL flammability classification 94V-0
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Polarity: As marked on body 
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
MDS
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
MD
151S
MD
152S
MD
153S
MD
154S
MD
155S
MD
156S
MD
157S
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current , On
glass-epoxy P.C.B.
IF(AV)
1.5
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Maximum instantaneous forward voltage @ 1.5A
per leg
VF
1.1
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Rating for fusing, t≦8.3ms
I
2
T
10
A
2
S
Typical junction capacitance per at 4.0V,1.0MHz
CJ
25
pF
Thermal resistance junction to ambient
1
RθJA
85
°C/W
Thermal resistance junction to lead
1
RθJL
25
°C/W
Operating and Storage Temperature range
TJ, TSTG
-55~150
°C
Note:
1. On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads
MDS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
7.0
G
1.3
1.7
B
3.5
4.2
H
0.48
1.1
C
0.4
0.8
I
0.1
0.45
D
2.3
2.7
J
0.2(TYP.)
E
4.5
5.0
K
0.5*15°
F
2.3
2.7


Similar Part No. - MD153S

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MD15-6-A SLPOWER-MD15-6-A Datasheet
374Kb / 7P
DC Power Supplies
MD15-6-A SLPOWER-MD15-6-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Clarke International
MD1500 CLARKE-MD1500 Datasheet
2Mb / 12P
PROFESSIONAL METAL DETECTOR
DL0923 - REV 1
logo
Shanghai Leiditech Elec...
MD150S08P3 LEIDITECH-MD150S08P3 Datasheet
318Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD150S12P3 LEIDITECH-MD150S12P3 Datasheet
318Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results

Similar Description - MD153S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com