Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF1S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TF1S
Description  Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TF1S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TF1S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TF1S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
TF1S ~ TF10S
Voltage 100V ~ 1000V
1.0 Amp Surface Mount Bridge Rectifiers
16-Jan-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Terminals: Solderable per MIL-STD-750, Method 2026
Case: TFS
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
TFS
5K
13 inch
MARKING
Part Number
Marking
Part Number
Marking
TF1S
10T1
TF6S
10T6
TF2S
10T2
TF8S
10T8
TF4S
10T4
TF10S
10T10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
TF1S
TF2S
TF4S
TF6S
TF8S
TF10S
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
35
A
Maximum instantaneous forward voltage @ IF =1A
VF
1.1
V
TA=25°C
5
TA=100°C
50
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Typical junction capacitance
1
CJ
13
pF
Thermal resistance junction to ambient
2
RθJA
80
°C/W
Thermal resistance junction to lead
2
RθJL
16
°C/W
Operating and Storage Temperature range
TJ, TSTG
-55~150
°C
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×(2.54×2.54mm2)copper pad.
TFS
Millimeter
Millimeter
Min.
Max.
REF.
Min.
Max.
A
4.9
5.2
F
0.2 TYP.
B
4.2
4.5
G
0.1TYP.
C
0.5
0.7
H
6.0
6.4
D
3.8
4.2
I
0.15
0.22
E
1.3
1.5
J
0.95TYP.


Similar Part No. - TF1S

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-7 RHOMBUS-IND-TF100-7 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF1S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD1100 SECOS-SCD1100 Datasheet
208Kb / 2P
VOLTAGE 100V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
DB101 SECOS-DB101_09 Datasheet
788Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
DB101S SECOS-DB101S Datasheet
151Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
TB2S SECOS-TB2S Datasheet
263Kb / 2P
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
DB101 SECOS-DB101_15 Datasheet
340Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
DB101S SECOS-DB101S_15 Datasheet
324Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
SMF102JD SECOS-SMF102JD Datasheet
188Kb / 2P
Voltage 100V~ 1000V 1.0 Amp Surface Mount Fast Recovery Rectifiers
MB101F SECOS-MB101F Datasheet
210Kb / 2P
100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S Datasheet
384Kb / 2P
Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
TF201S SECOS-TF201S Datasheet
206Kb / 2P
Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com