Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF202S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TF202S
Description  Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TF202S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TF202S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TF202S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
TF201S ~ TF210S
Voltage 100V ~ 1000V
2.0 Amp Surface Mount Bridge Rectifiers
20-Jul-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Terminals: Solderable per MIL-STD-750, Method 2026
Case: TFS
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
TFS
5K
13 inch
MARKING
Part Number
Marking
Part Number
Marking
TF201S
ABS201
TF206S
ABS206
TF202S
ABS202
TF208S
ABS208
TF204S
ABS204
TF210S
ABS210
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
TF
201S
TF
202S
TF
204S
TF
206S
TF
208S
TF
210S
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Current @TL=110°C
IF(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
50
A
Maximum instantaneous forward voltage @ IF=1A
VF
1
V
TA=25°C
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125°C
IR
500
µA
Typical junction capacitance
1
CJ
25
pF
Thermal resistance junction to ambient
2
RθJA
80
°C/W
Thermal resistance junction to lead
2
RθJL
16
°C/W
Operating and Storage Temperature range
TJ, TSTG
-55~150
°C
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×2.54mm
2 copper pad.
TFS
Millimeter
Millimeter
Min.
Max.
REF.
Min.
Max.
A
4.9
5.2
F
0.2 TYP.
B
4.2
4.5
G
0.1TYP.
C
0.5
0.7
H
6.0
6.4
D
3.8
4.2
I
0.15
0.22
E
1.3
1.5
J
0.95TYP.


Similar Part No. - TF202S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TF202 SEMTECH-TF202 Datasheet
164Kb / 6P
USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
Sanyo Semicon Device
TF202 SANYO-TF202 Datasheet
32Kb / 4P
Electret Condenser Microphone Applications
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
73Kb / 2P
N-CHANNEL JFET
logo
TAITRON Components Inco...
TF202 TAITRON-TF202 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
212Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - TF202S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
DB201S SECOS-DB201S_10 Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S_15 Datasheet
104Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
MB205 SECOS-MB205 Datasheet
248Kb / 2P
Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
SMF102JD SECOS-SMF102JD Datasheet
188Kb / 2P
Voltage 100V~ 1000V 1.0 Amp Surface Mount Fast Recovery Rectifiers
MB101F SECOS-MB101F Datasheet
210Kb / 2P
100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S Datasheet
384Kb / 2P
Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
TF1S SECOS-TF1S Datasheet
209Kb / 2P
Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com