Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABB1513 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ABB1513
Description  50 ~ 1700 MHz Wide-band CATV Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB1513 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

Back Button ABB1513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
ASB Inc.
 sales@asb.co.kr
August 2017
ABB1513
3.4
Plots of Noise Figure and Performances with Temperature
0
200
400
600
800
1000
1200
Frequency (MHz)
0
1
2
3
4
5
6
-40 °C
+25 °C
+85 °C
0
200
400
600
800
1000
1200
Frequency (MHz)
0
5
10
15
20
-40 °C
+25 °C
+85 °C
0
200
400
600
800
1000
1200
Frequency (MHz)
-25
-20
-15
-10
-5
0
-40 °C
+25 °C
+85 °C
0
200
400
600
800
1000
1200
Frequency (MHz)
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
110
115
120
125
130
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
12
13
14
15
16
Frequency = 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com