Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABB1516 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ABB1516
Description  50 ~ 1700 MHz Wide-Band CATV Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB1516 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ABB1516 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABB1516 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
ASB Inc.
 sales@asb.co.kr
August 2017
ABB1516
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias
2.4
Absolute Maximum Ratings, TA = +25
C
Parameters
Max. Ratings
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Device Current
160 mA
Power Dissipation
+0.8 W
Junction Temperature
+150
C
Input RF Power (CW, 75
 matched)
+25 dBm
Note: operation of this device in excess of any of these limits may cause permanent damage.
2.5
Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
67
C/W
2.6
ESD Classification & Moisture Sensitivity Level
ESD Classification
HBM
Class 1A
CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can
be damaged by static electricity. Proper ESD control techniques should be used when
handling these devices.
Moisture Sensitivity Level
MSL 3 at 260
C reflow
(Intentionally Blanked)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com