Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M830D Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M830D
Description  12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M830D Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M830D Datasheet HTML 1Page - Integrated Circuit Systems M830D Datasheet HTML 2Page - Integrated Circuit Systems M830D Datasheet HTML 3Page - Integrated Circuit Systems M830D Datasheet HTML 4Page - Integrated Circuit Systems M830D Datasheet HTML 5Page - Integrated Circuit Systems M830D Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M830 Series
Preliminary Specifications
Micro Networks
An Integrated Circuit Systems Company
SPECIFICATIONS
Specifications @ Vcc = +5.0 Volts, Vee = -5.0 Volts, Data in = 231-1 PRBS NRZ,
Mark ratio = 1:2, and TA = +25°C unless otherwise specified
PARAMETER
Min
Typ
Max
Units
Condition
Data Rate
12.2493
Gb/s
NRZ
Data Input Level
200
600
mVp-p
Single-ended, 50Ω, AC coupled
Data Input Return Loss
10
12
dB
50MHz to 7GHz
Data Output Voltage
750
900
1100
mVp-p
Data & Data
Data Output Jitter
7.5
10
psec p-p
27–1 PRBS NRZ
Data Output Duty Cycle Distortion
2.5
5
%
Data Output Rise Time (20% to 80%)
25
35
psec
50Ω, AC coupled
Data Output Fall Time (80% to 20%)
25
35
psec
50Ω, AC coupled
Data Output Return Loss
10
12
dB
50MHz to 9GHz
PLL Loop BW
.3
MHz
Decision Threshold Control
10
90
%
Relative to max Data Input Voltage
Ref -0.2 to -0.75V
Decision Threshold Control
Voltage Range
-0.75
-0.2
Volts
Internal load of 45Ω to -0.45V
Clock Output Level
800
1200
1400
mVp-p
50Ω, AC coupled
Clock Phase Control
1
UI
Clock Phase Control Voltage
0
+15
Volts
10kΩ, minimum load impedance
Clock SSB Phase Noise
@100Hz Offset
-70
dBc/Hz
231–1 PRBS NRZ
@1kHz Offset
-85
dBc/Hz
@10kHz Offset
-90
dBc/Hz
Clock Jitter
7.5
9
psec p-p
27–1 PRBS NRZ
Spurious Output
-50
dBc
Harmonic Output
-30
dBc
Supply Voltage
Vcc
+4.75
+5.0
+5.25
Volts
Vee
-5.25
-5.0
-4.75
Volts
Supply Current
Icc
450
600
mA
Iee
300
550
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com