Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9834 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9834
Description  Micro-Power Voltage Detector with Manual Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9834 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9834 Datasheet HTML 1Page - Richtek Technology Corporation RT9834 Datasheet HTML 2Page - Richtek Technology Corporation RT9834 Datasheet HTML 3Page - Richtek Technology Corporation RT9834 Datasheet HTML 4Page - Richtek Technology Corporation RT9834 Datasheet HTML 5Page - Richtek Technology Corporation RT9834 Datasheet HTML 6Page - Richtek Technology Corporation RT9834 Datasheet HTML 7Page - Richtek Technology Corporation RT9834 Datasheet HTML 8Page - Richtek Technology Corporation RT9834 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9834
2
DS9834-00 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
GND
Ground.
RESET
Active Low Push-Pull Reset Output.
2
RESET
Active High Push-Pull Reset Output.
3
MR
Manual Reset.
4
VDD
Power.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOT-143
SC-82
RT9834
Package Type
H : SOT-143
Y : SC-82
Lead Plating System
G : Green (Halogen Free and Pb Free)
Threshold Voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
-
Reset Active Timeout Period
A = 0ms (RESET)
B = 55ms (RESET)
C = 220ms (RESET)
D = 450ms (RESET)
E = 0ms (RESET)
F = 55ms (RESET)
G = 220ms (RESET)
H = 450ms (RESET)
VDD
GND
3
2
4
RESET/
RESET
MR
VDD
GND
3
2
4
RESET/
RESET
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com