Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 343 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 343 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 339Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 340Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 341Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 342Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 343Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 344Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 345Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 346Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 347Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 670 page
background image
AN936
3–197
Motorola Sensor Device Data
www.motorola.com/semiconductors
3.40
0.134
2.39
0.094
1.27
0.050
2.21
2.13
0.087
0.084
14.48
0.570
16.23
0.639
A
B
φ 0.36 (0.014)
C M
M
M
SECTION F–F
35
° ± 2°
3.96
0.156
2.03
0.080
3 PL
A
B
φ 0.36 (0.014)
C M
M
M
0.76
0.030
2.54
0.100
3.81
0.150
4.55
0.179
5.72
0.225
F
10.16
0.400
3.96
0.156
1.60
0.063
6.35
0.250
A
B
φ 0.36 (0.014)
C M
M
M
2 PL
13.66
13.51
0.538
0.532
A B C
0.36 (0.014)
F
6.35
0.250
= DIAMETER
DIMENSIONS IN
MM
INCHES
ZONE –D–
WITHIN
ZONE –D–
Figure 5. Port Adapter Dimensions
Figure 6. Chip–Carrier Package
Figure 7. Leadforming
CASE 344–15
All seals to be made on pressure sealing surface.
TOP CLAMP AREA
BOTTOM CLAMP AREA
Leads should be securely clamped top and
bottom in the area between the plastic body
and the form being sure that no stress is being
put on plastic body. The area between dotted
lines represents surfaces to be clamped.
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. – OUTPUT
M
A
M
0.136 (0.005)
T
1
234
PIN 1
R
N
L
G
F
D 4 PL
SEATING
PLANE
–T–
C
M
J
B
–A–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30 NOM
30 NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –A– IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com