Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 346 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 346 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 342Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 343Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 344Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 345Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 346Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 347Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 348Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 349Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 350Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 670 page
background image
3–200
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1082
Simple Design for a 4-20 mA Transmitter
Interface Using a Motorola Pressure Sensor
Prepared by: Jean Claude Hamelain
Motorola Toulouse Application Lab Manager
INTRODUCTION
Pressure is a very important parameter in most industrial
applications such as air conditioning, liquid level sensing and
flow control.
In most cases, the sensor is located close to the measured
source in a very noisy environment, far away from the receiver
(recorder, computer, automatic controller, etc.)
The transmission line can be as long as a few hundred
meters and is subject to electromagnetic noise when the
signal is transmitted as voltage. If the signal is transmitted as
a current it is easier to recover at the receiving end and is less
affected by the length of the transmission line.
The purpose of this note is to describe a simple circuit which
can achieve high performance, using standard Motorola
pressure sensors, operational amplifiers and discrete
devices.
PERFORMANCES
The following performances have been achieved using an
MPXV2102DP Motorola pressure sensor and an MC33079
quad operational amplifier. The MPXV2102DP is a 100 kPa
temperature compensated differential pressure sensor. The
load is a 150 ohm resistor at the end of a 50 meter telephone
line. The 15 volt power supply is connected at the receiver
end.
Power Supply
+15 Vdc, 30 mA
Connecting Line
3 wire telephone cable
Load Resistance
150 to 400 Ohms
Temperature Range
– 40 to + 85
°C (up to +125°C
with special hardware)
Pressure Range
0 to 100 kPa
Total Maximum Error
Better than 2% full scale
Basic Circuit
The Motorola MPXV2102DP pressure sensor is a very high
performance piezoresistive pressure sensor. Manufacturing
technologies include standard bipolar processing techniques
with state of the art metallization and on–chip laser trim for
offset and temperature compensation.
This unique design, coupled with computer laser trimming,
gives this device excellent performance at competitive cost
for demanding applications such as automotive, industrial or
healthcare.
MC33078, 79 operational amplifiers are specially designed
for very low input voltage, a high output voltage swing and very
good stability versus temperature changes.
First Stage
The Motorola MPXV2102 and the operational amplifier are
directly powered by the 15 Vdc source. The first stage is a
simple true differential amplifier made with both of the
operational amplifiers in the MC33078. The potentiometer,
RG, provides adjustment for the output.
Current Generator
The voltage to current conversion is made with a unity gain
differential amplifier, one of the four operational amplifiers in
an MC33079. The two output connections from the first stage
are connected to the input of this amplifier through R3 and R5.
Good linearity is achieved by the matching between R3, R4,
R5 and R6, providing a good common mode rejection. For the
same reason, a good match between resistors R8 and R9 is
needed.
The MC33078 or MC33079 has a limited current output;
therefore, a 2N2222 general purpose transistor is connected
as the actual output current source to provide a 20 mA output.
To achieve good performance with a very long transmission
line it may be necessary to place some capacitors (C1, C2)
between the power supply and output to prevent oscillations.
Calibration
The circuit is electrically connected to the 15 Vdc power
supply and to the load resistor (receiver).
The high pressure is connected to the pressure port and the
low pressure (if using a differential pressure sensor), is
connected to the vacuum port.
It is important to perform the calibration with the actual
transmission line connected.
The circuit needs only two adjustments to achieve the
4 – 20 mA output current.
1. With no pressure (zero differential pressure), adjust Roff
to read exactly 4 mA on the receiver.
2. Under the full scale pressure, adjust RG to exactly read
20 mA on the receiver. The calibration is now complete.
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com