Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 451 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 451 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 447Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 448Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 449Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 450Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 451Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 452Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 453Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 454Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 455Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 670 page
background image
AN1516
3–305
Motorola Sensor Device Data
www.motorola.com/semiconductors
LEVEL CONTROL MODES
This application describes two ways to keep the liquid level
constant in the tank; first, by pumping the water out if the liquid
level rises above the reference, or second, by pumping the
water in if the liquid level drops below the reference.
If pumping water out, the pump must be OFF when the liquid
level is below the reference level. To turn the pump ON, the
sensor signal must be decreased to drop the input to the
Schmitt trigger below the reference voltage. To do this, the
sensing pipe must be connected to the NEGATIVE pressure
port (back or vacuum side) of the sensor. In the condition when
the pressure increases (liquid level rises), the sensor voltage
will decrease and the pump will turn ON when the sensor
output crosses the referenced level. As pumping continues,
the level in the tank decreases (thus the pressure on the
sensor decreases) and the sensor signal increases back up
to the trigger point where the pump was turned OFF.
In the case of pumping water into the tank, the pump must
be OFF when the liquid level is above the reference level. To
turn ON the pump, the sensor signal must be decreased to
drive the input Schmitt trigger below the reference voltage. To
do this, the sensing pipe must be connected to the POSITIVE
pressure port (top side) of the sensor. In this configuration
when the pressure on the sensor decreases, (liquid level
drops) the sensor voltage also decreases and the pump is
turned ON when the signal exceeds the reference. As
pumping continues, the water level increases and when the
maximum level is reached, the Schmitt trigger turns the pump
OFF.
ADJUSTMENTS
The sensing tube is placed into the water at a distance
below the minimum limit level anywhere in the tank. The other
end of the tube is opened to atmosphere. When the tank is
filled to the desired maximum (or minimum) level, the pressure
sensor is connected to the tube with the desired port
configuration for the application. Then the water level in the
tank is the reference.
After connecting the tube to the pressure sensor, the
module must be adjusted to control the water level. The output
voltage at TP1 is preadjusted to about 4 V (half of the supply
voltage). When the sensor is connected to the tube, the
module output is ON (lighted) or OFF. By adjusting the offset
adjust potentiometer the output is just turned into the other
state: OFF, if it was ON or the reverse, ON, if it was OFF, (the
change in the tank level may be simulated by moving the
sensing tube up or down).
The reference point TP2 shows the ON/OFF reference
voltage, and the switching point of the module is reached
when the voltage at TP1 just crosses the value of the TP2
voltage. The module is designed for about 10 mm of difference
level between ON and OFF (hysteresis).
CONCLUSION
This circuit design concept may be used to evaluate
Motorola pressure sensors used as a liquid level switch. This
basic circuit may be easily modified to provide an analog
signal of the level within the controlled range. It may also be
easily modified to provide tighter level control (
±2 mm H2O) by
increasing the gain of the first amplifier stage (decreasing RG
resistor).
The circuit is also a useful tool to evaluate the performance
of the power optocoupler MOC2A60 when driving ac loads
directly.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com