Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 452 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 452 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 448Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 449Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 450Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 451Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 452Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 453Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 454Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 455Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 456Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 670 page
background image
3–306
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1517
Pressure Switch Design with
Semiconductor Pressure Sensors
Prepared by: Eric Jacobsen and Jeff Baum
Sensor Design and Applications Group, Motorola Phoenix, AZ
INTRODUCTION
The Pressure Switch concept is simple, as are the additions
to conventional signal conditioning circuitry required to
provide a pressure threshold (or thresholds) at which the
output switches logic state. This logic–level output may be
input to a microcontroller, drive an LED, control an electronic
switch, etc. The user–programmed threshold (or reference
voltage) determines the pressure at which the output state will
switch.
An additional feature of this minimal component
design is an optional user–defined hysteresis setting that will
eliminate multiple output transitions when the pressure sensor
voltage is comparable to the threshold voltage.
This paper presents the characteristics and design criteria
for each of the major subsystems of the pressure switch
design: the pressure sensor, the signal conditioning (gain)
stage, and the comparator output stage. Additionally, an entire
section will be devoted to comparator circuit topologies which
employ comparator ICs and/or operational amplifiers. A
window comparator design (high and low thresholds) is also
included. This section will discuss the characteristics and
design criteria for each comparator circuit, while evaluating
them in overall performance (i.e., switching speed, logic–level
voltages, etc.).
BASIC SENSOR OPERATION
Motorola’s MPX2000 Series sensors are temperature
compensated and calibrated (i.e., offset and full–scale span
are precision trimmed) pressure transducers. These sensors
are available in full–scale pressure ranges from 10 kPa
(1.5 psi) to 200 kPa (30 psi). Although the specifications (see
Table 1) in the data sheets apply only to a 10 V supply voltage,
the output of these devices is ratiometric with the supply
voltage. For example, at the absolute maximum supply
voltage rating, 16 V, the sensor will produce a differential
output voltage of 64 mV at the rated full–scale pressure of the
given sensor. One exception to this is that the full–scale span
of the MPX2010 (10 kPa sensor) will be only 40 mV due to the
device’s slightly lower sensitivity. Since the maximum supply
voltage produces the most output voltage, it is evident that
even the best case scenario will require some signal
conditioning to obtain a usable voltage level. For this specific
design, an MPX2100 and 5.0 V supply is used to provide a
maximum sensor output of 20 mV. The sensor output is then
signal conditioned to obtain a four volt signal swing (span).
Table 1. MPX2100 Electrical Characteristics for VS = 10 V, TA = 25°C
Characteristic
Symbol
Minimum
Typical
Max
Unit
Pressure Range
POP
0
100
kPa
Supply Voltage
VS
10
16
Vdc
Full Scale Span
VFSS
38.5
40
41.5
mV
Zero Pressure Offset
Voff
0.05
0.1
mV
Sensitivity
S
0.4
mV/kPa
Linearity
0.05
%FSS
Temperature Effect on Span
0.5
%FSS
Temperature Effect on Offset
0.2
%FSS
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com