Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9443 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC9443
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9443 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC9443 Datasheet HTML 6Page - Motorola, Inc MPC9443 Datasheet HTML 7Page - Motorola, Inc MPC9443 Datasheet HTML 8Page - Motorola, Inc MPC9443 Datasheet HTML 9Page - Motorola, Inc MPC9443 Datasheet HTML 10Page - Motorola, Inc MPC9443 Datasheet HTML 11Page - Motorola, Inc MPC9443 Datasheet HTML 12Page - Motorola, Inc MPC9443 Datasheet HTML 13Page - Motorola, Inc MPC9443 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPC9443
MOTOROLA
TIMING SOLUTIONS
10
Figure 6. Maximum MPC9443 frequency, VCC = 3.3V, MTBF
9.1 years, driving series terminated transmission lines
Figure 7. Maximum MPC9443 frequency, VCC = 3.3V,
MTBF 9.1 years, 4 pF load per line
Figure 8. Maximum MPC9443 frequency, VCC = 3.3V, MTBF
4 years, driving series terminated transmission lines
Figure 9. Maximum MPC9443 frequency, VCC = 3.3V,
MTBF 4 years, 4 pF load per line
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com