Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9855 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9855
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9855 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9855 Datasheet HTML 3Page - Motorola, Inc MPC9855 Datasheet HTML 4Page - Motorola, Inc MPC9855 Datasheet HTML 5Page - Motorola, Inc MPC9855 Datasheet HTML 6Page - Motorola, Inc MPC9855 Datasheet HTML 7Page - Motorola, Inc MPC9855 Datasheet HTML 8Page - Motorola, Inc MPC9855 Datasheet HTML 9Page - Motorola, Inc MPC9855 Datasheet HTML 10Page - Motorola, Inc MPC9855 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Timing Solutions
Freescale Semiconductor
7
MPC9855
Table 7. LVPECL DC Characteristics (TA = –40°C to 85°C)(1)
1. AC characteristics are design targets and pending characterization.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Differential LVPECL clock inputs (CLK1, CLK1) for VDD = 3.3 V ± 0.5%
VPP
Differential Voltage(2) (peak-to-peak)
(LVPECL)
2. VPP is the minimum differential input voltage swing required to maintain AC characteristics including tPD and device-to-device skew.
250
mV
VCMR
Differential Input Crosspoint Voltage(3)
(LVPECL)
3. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device propagation delay,
device and part-to-part skew.
1.0
VDD – 0.6
V
Table 8. LVCMOS I/O DC Characteristics (TA = –40°C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS for VDD = 3.3 V ± 5%
VIH
Input High Voltage
2.0
VDD + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
200
µAVIN = VDDL or GND
LVCMOS for VDD = 3.3 V ± 5%, VDDOA = 3.3 V ± 5%, VDDOB = 3.3 V ± 5%
VOH
Output High Voltage
2.4
V
IOH = –12 mA
VOL
Output Low Voltage
0.4
V
IOL = 12 mA
ZOUT
Output Impedance
14 – 17
Ω
LVCMOS for VDD = 3.3 V ± 5%, VDDOA = 2.5 V ± 5%, VDDOB = 2.5 V ± 5%
VOH
Output High Voltage
1.9
V
IOH = –10 mA
VOL
Output Low Voltage
0.4
V
IOL = 10 mA
ZOUT
Output Impedance
18 – 22
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com