Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM24 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MM24
Description  Rack and Panel Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM24 Datasheet(HTML) 6 Page - Vishay Siliconix

  MM24 Datasheet HTML 1Page - Vishay Siliconix MM24 Datasheet HTML 2Page - Vishay Siliconix MM24 Datasheet HTML 3Page - Vishay Siliconix MM24 Datasheet HTML 4Page - Vishay Siliconix MM24 Datasheet HTML 5Page - Vishay Siliconix MM24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
7
MM22 and MM24
Vishay Dale
Document Number 36008
Revision 22-Aug-00
ORDERING INFORMATION
*To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation.
CONNECTOR
HOODS
HARDWARE
-
G
PLATING
026*
HARDWARE
VARIATIONS
5
NUMBER OF
CONTACTS
D1
TERMINATION
R
(OPTIONAL)
H
HOOD
VARIATIONS
22
CONTACT
SIZE
B
(OPTIONAL)
P
CONTACT
STYLE
MM
MODEL
C
CONTACTS
(Omit if no Hardware desired.)
026 = Slotted Brass Guides 0.078" [1.98mm] Diameter.
026L =
Long Slotted Brass Guides 0.078" [1.98mm] Diameter.
027 = Slotted Cres Guides 0.078" [1.98mm] Diameter.
027L =
Long Slotted Cres Guides 0.078" [1.98mm] Diameter.
SL = Chassis Mounted Fixed Screwlocks (3-48 thread).
SL2 = Chassis Mounted Fixed Screwlocks (2-56 thread).
SLL = Chassis Mounted Fixed Screwlocks
Long (3-48 thread).
SL2L = Chassis Mounted Fixed Screwlocks
Long (2-56 thread).
NSL = Chassis Mounted Fixed Screwlocks (3-48 thread)
with Nylon Retaining Nuts and Fiber Washers.
NSL2 = Chassis Mounted Fixed Screwlocks (2-56 thread)
with Nylon Retaining Nuts and Fiber Washers.
SK = Cable Mounted - Turnable Screwlocks (3-48 thread).
SK2 = Cable Mounted - Turnable Screwlocks (2-56 thread).
SK030 = Cable Mounted - Turnable Screwlocks (3-48 thread)
with short knobs.
SK2030 = Cable Mounted - Turnable Screwlocks (2-56 thread)
with short knobs.
SK2035 = Cable Mounted - Turnable Screwlocks (2-56 thread)
with socket head knobs.
Microminiature
(OPTIONAL)*
Closed entry socket contacts
optional on 22 AWG socket
contacts only.
(Omit for standard contacts.)
(OPTIONAL)
Dip solder termination optional.
(Omit for standard solder cup.)
Select tail length:
D1 = 0.160" [4.06mm] Nominal
D2 = 0.350" [8.89mm] Nominal
B = Beryllium copper
contacts optional on
solder cup socket
contacts only.
(Omit for standard
contacts).
5, 7, 9, 11, 14, 18, 20, 26, 29, 34, 44 or 50*
*50 contact connectors are available in either
the standard 4-row contact arrangement per
MIL-C-28748 or a special 5-row contact
arrangement. To order the special 5-row
contact arrangement, use the designator
“C50” for the number of contacts.
Optional plating available:
G = Gold (0.00003 thick)
over Nickel.
G5 = Gold (0.00005 thick)
over Nickel.
Omit designator for Gold
(0.00001 thick) over Nickel.
22 AWG = 0.030"
[0.762mm] Diameter
24 AWG = 0.025"
[0.635mm] Diameter
P = Pin
S = Socket
R = Reversed guides
or screwlocks
(Omit for standard.)
(Omit if no Hood desired.)
027H = Hood (Top Cable
Opening) with standard
027 Slotted Cres Guides.
This option is not
available in the C50
contact size.
SKH = Hood (Top Cable
Opening) with long
SK-model Turnable
Screwlocks (3-48 NF)
and knobs.
This option is not
available in the 34, 44,
50 and C50 contact sizes.
SK2H = Hood (Top Cable
Opening) with long
SK-model Turnable
Screwlocks (2-56 NF)
and knobs.
This option is not
available in the C50
contact size.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com