Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9538
Description  8-bit I2C and SMBus low power I/O port with interrupt and reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9538 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9538 Datasheet HTML 9Page - NXP Semiconductors PCA9538 Datasheet HTML 10Page - NXP Semiconductors PCA9538 Datasheet HTML 11Page - NXP Semiconductors PCA9538 Datasheet HTML 12Page - NXP Semiconductors PCA9538 Datasheet HTML 13Page - NXP Semiconductors PCA9538 Datasheet HTML 14Page - NXP Semiconductors PCA9538 Datasheet HTML 15Page - NXP Semiconductors PCA9538 Datasheet HTML 16Page - NXP Semiconductors PCA9538 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9538
8-bit I2C and SMBus low power I/O port
with interrupt and reset
2004 Oct 05
13
PROTOCOL
SCL
SDA
t
HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t
f
r
t
t
BUF
t
SU;STA
t
LOW
t
HIGH
1 / f
SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
t
VD;ACK
SW02210
STOP
CONDITION
(S)
BIT 0
(R/W)
ACKNOWLEDGE
(A)
tSU;STO
Figure 17. I2C-bus timing diagram; rise and fall times refer to VIL and VIH
TEST CIRCUITS
PULSE
GENERATOR
VI
VO
CL
50 pF
VDD
DEFINITIONS
RL = Load resistor.
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to the output
impedance ZO of the pulse generators.
VDD
RT
Open
D.U.T.
RL = 500 Ω
SW02181
Figure 18. Test circuitry for switching times
CL = 50 pF
500
Ω
Load Circuit
TEST
S1
tpv
2 VDD
SA00652
500
Ω
From Output
Under Test
S1
2VDD
Open
GND
Figure 19. Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com