Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2396 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2396
Description  3A, 80V P Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2396 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2396 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2396 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SD2396
3A, 80V
P
Plastic-Encapsulated Transistor
24-Aug-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Darling connection provides high DC current gain (hFE)
Large collector power dissipation
Low frequency and power amplifier
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
3
A
Collector Power Dissipation
PC
2
W
Thermal Resistance from Junction to Ambient
RθJA
62.5
°C/ W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
80
-
-
V
IC=0.05mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
60
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=0.05mA, IC=0
Collector Cut-Off Current
ICBO
-
-
100
µA
VCB=80V, IE=0
Emitter Cut-Off Current
IEBO
-
-
100
µA
VEB=6V, IC=0
DC Current Gain
1
hFE
600
-
1200
VCE=4V, IC=0.5A
Collector to Emitter Saturation Voltage
1
VCE(sat)
-
-
0.8
V
IC=2A, IB=50mA
Base to Emitter Voltage
VBE(sat)
-
-
1.5
V
IC=2A, IB=50mA
Transition Frequency
fT
-
40
-
MHz
VCE=5V, IC=0.2A, f=10MHz
Collector Output Capacitance
Cob
-
55
-
pF
VCB=10V, IE=0, f=1MHz
Notes:
1.
Pulse test:Pulse width≦300µs, duty cycle≦2%.
ITO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.5
15.5
H
3.8 TYP.
B
9.5
10.5
J
1.30 REF.
C
13.20 REF.
K
0.3
0.9
D
4.24
4.84
L
2.54 REF.
E
2.52
3.20
M
2.70 REF.
F
2.50
2.90
N
φ 3.5 REF.
G
0.47
0.75


Similar Part No. - 2SD2396

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2396 ROHM-2SD2396 Datasheet
410Kb / 5P
Transistor, NPN
2SD2396 ROHM-2SD2396 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Foshan Blue Rocket Elec...
2SD2396 FOSHAN-2SD2396 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
2SD2396 JIANGSU-2SD2396 Datasheet
772Kb / 3P
TO-220F Plastic-Encapsulate Transistors
logo
Rohm
2SD2396K ROHM-2SD2396K Datasheet
403Kb / 5P
Transistor, NPN
More results

Similar Description - 2SD2396

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD1767 SECOS-2SD1767 Datasheet
77Kb / 1P
0.7A , 80V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
KTC2026 SECOS-KTC2026 Datasheet
399Kb / 2P
3A , 60V P Plastic-Encapsulated Transistor
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
3A, 60V P Plastic-Encapsulated Transistor
MJD31C SECOS-MJD31C Datasheet
78Kb / 1P
3A , 100V NPN Plastic Encapsulated Transistor
MPS751 SECOS-MPS751 Datasheet
294Kb / 2P
-2A , -80V PNP Plastic Encapsulated Transistor
A1020 SECOS-A1020 Datasheet
306Kb / 2P
PNP Plastic-Encapsulated Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com