Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A124 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A124
Description  Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A124 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A124 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8203G
10/19/04
PI5A121/PI5A122/PI5A124
Wide Bandwidth Analog Switch
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to Gnd
V+ ..........................................................................-0.5V to +7V
VIN, VCOM, VNC, VNO (Note 1)...................-0.5V to VCC +2V
or 30mA, whichever occurs first
Current (any terminal)..................................................... ±25mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle)..................................... ±25mA
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by
internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
SOT23-6 (derate 7mW/ºC above +70ºC)........................ 550mW
Storage Temperature .........................................-65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Electrical Specifications - Single +5V Supply
(V+ = +5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp.(°C) Min.(1)
Typ.(2) Max.(1) Units
Analog Switch
Analog Signal
Range(3)
VANALOG
Full
0
V+
V
On-Resistance
RON
V+ = 4.5V,
ICOM = -30mA,
VNO or VNC = +2.5V
25
7.2
10
Ω
Full
12
On-Resistance
Match Between
Channels(4)
∆RON
25
0.2
2
Full
4
On-Resistance Flat-
ness(5)
RFLAT(ON)
V+ = 5V,
ICOM = -30mA,
VNO or VNC = 1V, 2.5V, 4V
25
2.72
3.5
Full
4
NO or NC Off Leak-
age Current(6)
INO(OFF) or
INC(OFF)
V+ = 5.5V,
VCOM = 0V,
VNO or VNC = 4.5V
25
0.18
nA
Full
-80
80
COM Off Leakage
Current(6)
ICOM(OFF)
V+ = 5.5V, VCOM = + 4.5V,
VNO or VNC = ± 0V
25
0.20
Full
-80
80
COM On Leakage
Current(6)
ICOM(ON)
V+ = 5.5V,
VCOM = +4.5V
VNO or VNC = +4.5V
25
0.20
Full
-80
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com