Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVC3245AQ Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AQ
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AQ Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LVC3245AQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADVANCE INFORMATION
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
5
P-0.3
08/05/03
Parameters
From (Input)
To (Output)
VCCA = 2.7V to 3.6V, VCCB = 5V ±0.5V
Units
CL = 50pF, RL = 500Ω
Min.
Max.
tPHL
A
B
1.0
6.3
ns
tPLH
1.0
6.0
tPHL
B
A
1.0
5.7
tPLH
1.0
6.0
tPZL
OE
A
1.0
7.8
tPZH
1.0
7.5
tPZL
OE
B
1.0
7.8
tPZH
1.0
7.6
tPLZ
OE
A
1.0
7.0
tPHZ
1.0
7.5
tPLZ
OE
B
1.0
7.0
tPHZ
1.0
7.3
tSK(O)
Output-to-Output Skew(8)
1.5
Capacitance (TA = 25°C)
Notes:
7. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current con-
sumption (ICCD) at no output loading and operating at 50% duty cycle, CPD is related to ICCD dynamic operating current
by the expression: ICCD = (CPD)(VCC)(fIN) +(ICC static)
AC Electrical Characteristics (Over Operating Range, TA = –40°C to +85°C)
Note:
8. Skew between any two outputs of the same device, switching in the same direction. Parameter guaranteed by design.
Param-
eters
Description
Test Conditions
Typ.
Units
CIN
Control Input Capacitance
VI = VCCA or GND, VCCA = Open, VCCB =Open
2.8
pF
CI/O
Input/Output Capacitance
(A or B port)
VI/O = VCCA/B or GND, VCCA = 3.3V, VCCB = 5V
9
CPD
Power Dissipation
Capacitance (7)
Outputs Enabled
VCCA = 3.3V, VCCB = 5V
CL = 0pF, f = 10MHz
22
Outputs Disabled
2.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com