Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202AP Datasheet(PDF) 29 Page - Motorola, Inc

Part # MPX2202AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202AP Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MPX2202AP Datasheet HTML 25Page - Motorola, Inc MPX2202AP Datasheet HTML 26Page - Motorola, Inc MPX2202AP Datasheet HTML 27Page - Motorola, Inc MPX2202AP Datasheet HTML 28Page - Motorola, Inc MPX2202AP Datasheet HTML 29Page - Motorola, Inc MPX2202AP Datasheet HTML 30Page - Motorola, Inc MPX2202AP Datasheet HTML 31Page - Motorola, Inc MPX2202AP Datasheet HTML 32Page - Motorola, Inc MPX2202AP Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 670 page
background image
1–23
Motorola Sensor Device Data
www.motorola.com/semiconductors
Interfacial Permeability
Lead leakage is a specific example of interfacial
permeability. It is pressure leakage through the polymer
housing material/metallic leadframe material interface from
the inside of the pressure sensor package to the outside of the
pressure sensor package or vice versa [22]. In addition, other
material interfaces can result in leakage. We describe another
specific example of this in the next section. Lead leakage is
like polymer swelling in that it may allow another failure
mechanism, like corrosion, to occur more readily. It also
causes a systematic pressure measurement error. Figure 8
shows the result of lead leakage measurements as a function
of temperature cycling. The polymer housing material (and its
CTE as a function of temperature), the leadframe material
(and its CTE), surface preparation and contamination, the
polymer matrix composition, and polymer processing all
contribute to this effect. It is accelerated by media,
temperature cycling, and applied pressure.
Figure 8. Pressure leakage measurements through the metallic leadframe/polymeric housing material interface on a
pressure sensor as a function of temperature cycles between –40 and 125
°C.
0
0.0
0.5
1.0
1.5
2.0
TEMPERATURE CYCLES
EPOXY
PPS GRADE 1
200
400
600
800
1000
PPS GRADE 2
PBT
LCP
Adhesive Strength
Packaging of the sensor relies on adhesive material to
maintain a seal but not impart stress on the piezoresistive
element. Polymeric materials are the primary adhesive
materials which can range from low modulus material such as
silicone to epoxy with a high modulus. An example of a typical
joint is shown in Figure 9. The joint has three possible failure
locations
with
the
preferred
break
being
cohesive.
Contributors to a break include whether the joint is in tension
or compression, residual stresses, the adhesive material,
surface preparation, and contamination. An adhesive failure
is accelerated by media contact, cyclic or static temperature,
and cyclic or static stress (e.g. pressure).
Figure 9. Failure locations for an adhesive bond of
dissimilar materials.
DIE TO EPOXY
ADHESIVE
STRENGTH
COHESIVE
STRENGTH
DIE TO MAT’L
ADHESIVE
STRENGTH
Strength Components
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com