Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A124TEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A124TEX
Description  Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A124TEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A124TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A124TEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8203G
10/19/04
Description
The PI5A121/PI5A122/PI5A124 are analog switches designed
for single-supply operation. These high-precision devices are
ideal for low-distortion audio, video, signal switching and rout-
ing.
The PI5A121 is a single-pole throw (SPST) normally open (NO)
switch. The switch is open when IN is LOW. The PI5A122 is
a single-pole single-throw (SPST) normally closed (NC)
switch.
Each switch conducts current equally well in either direction
when on. When off, they block voltages up to V+.
These switches are fully specified with +5V, and +3.3V supplies.
With +5V, they guarantee <10Ω On-Resistance. On-Resistance
matching between channels is within 2Ω. On-Resistance flatness
is less than 55Ω over the specified range. These switches also
guarantee fast switching speeds (tON <20ns).
These products are available in 5-pin SC70 and/or 6-pin SOT23
plastic packages for operation over the industrial (-40oC to +85oC)
temperature range.
PI5A121/PI5A122/PI5A124
Wide Bandwidth Analog Switches
Features
• Single-Supply Operation (+2V to +6V)
• Rail-to-Rail Analog Signal Dynamic Range
• Low On-Resistance (6Ω typ. with 5V supply)
Minimizes Distortion and Error Voltages
• On-Resistance Flatness, 3Ω typ.
• Low Charge Injection Reduces Glitch Errors. Q = 4pC typ.
• High Speed. tON = 10ns typ.
• Wide -3dB Bandwidth: 326 MHz (typ.)
• High-Current Channel Capability: >100mA
• TTL/CMOS Logic Compatible
• Low Power Consumption (0.5µW typ)
• Small outline transistor package minimizes board area
• Packaging (Pb-free & Green available):
- 5-pin 65-mil wide SOT23 (T) for PI5A121 and PI5A122
- 6-pin 65-mil wide SOT23 (T) for PI5A124
- 5-pin 50-mil wide SC70 (C) for PI5A121/PI5A122
Applications
• Audio, Video Switching, and Routing
• Battery-Powered Communication Systems
• Computer Peripherals
• Telecommunications
• Portable Instrumentation
• Mechanical Relay Replacement
• Cell Phones
• PDAs
Functional Diagrams, Pin Configurations and Truth Tables
Switches shown for Logic “0” input
COM
PI5A121
PI5A122
PI5A124
2
3
1
NO
GND
IN
V+
5
4
COM
IN
2
3
1
NC
GND
IN
V+
5
4
2
3
1
V+
GND
SOT23-6
NC
NO
COM
5
6
4
SOT23-5
SC70-5
SOT23-5
SC70-5
IN
PI5A121
PI5A122
0
OFF
ON
1
ON
OFF
PI5A124
LOGIC
NC
NO
0
ON
OFF
1
OFF
ON


Similar Part No. - PI5A124TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
Single Wide Bandwidth Analog Switch
PI5A125TX PERICOM-PI5A125TX Datasheet
207Kb / 6P
Single Wide Bandwidth Analog Switch
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A126UX PERICOM-PI5A126UX Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A126W PERICOM-PI5A126W Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
More results

Similar Description - PI5A124TEX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
Wide bandwidth analog switch IC
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
Bandwidth Quad Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
Single Wide Bandwidth Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com