Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202A Datasheet(PDF) 23 Page - Motorola, Inc

Part # MPXM2202A
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202A Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MPXM2202A Datasheet HTML 19Page - Motorola, Inc MPXM2202A Datasheet HTML 20Page - Motorola, Inc MPXM2202A Datasheet HTML 21Page - Motorola, Inc MPXM2202A Datasheet HTML 22Page - Motorola, Inc MPXM2202A Datasheet HTML 23Page - Motorola, Inc MPXM2202A Datasheet HTML 24Page - Motorola, Inc MPXM2202A Datasheet HTML 25Page - Motorola, Inc MPXM2202A Datasheet HTML 26Page - Motorola, Inc MPXM2202A Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 670 page
background image
1–17
Motorola Sensor Device Data
www.motorola.com/semiconductors
Micromachined Accelerometer Reliability Testing Results
LIFE AND ENVIRONMENTAL TESTING RESULTS
STRESS TEST
CONDITIONS
RESULTS
FAILED/PASS
High Temperature Bias
TA = 90°C, VDD = 5.0 V
t = 1000 hours, 12 minutes on, 8 seconds off
0/32
High Temperature/High Humidity Bias
TA = 85°C, RH = 85%,
VDD = 5.0 V, t = 2016
0/38
High Temperature Storage (Bake)
TA = 105°C, t = 1000 hours
0/35
Temperature Cycle
*40 to 105°C, Air to Air,
15 minutes at extremes,
v 5 minutes transfer, 1000 cycles
0/23
Mechanical Shock
5 blows X1, X2, Y1, Y2, Z1, Z2
2.0 G’s, 0.5 mS, TA = *40°C, 25°C, 90°C
0/12
Vibration Variable Frequency
with Temperature Cycle
10 – 1 Khz @ 50 G’s max,
24 hours each axis,
X1, X2, Y1, Y2, Z1, Z2, TA = *40 to 90°C,
Dwell = 1 Hour, transfer = 65 minutes
0/12
Autoclave
TA = 121°C, RH = 100%
15 PSIG, t = 240 hours
0/71
Drop Test
10 Drops from 1.0 meters onto concrete,
any orientation
0/12
PARAMETERS MONITORED
LIMITS
INITIAL
END POINTS
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
Offset
VDD = 5.0 V, 25,
*40 & 90°C
2.15 V
2.95 V
2.15 V
2.95V
Self Test
VDD = 5.0 V, 25,
*40 & 90°C
20G
30 G
20 G
30 G
Sensitivity
VDD = 5.0 V, 25,
*40 & 90°C
45 mV/G
55 mV/G
45 mV/G
55 mV/G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com