Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8322 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC56F8322
Description  Digital Switched-Mode Power Supply (SMPS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8322 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC56F8322 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8322 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8322 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8322 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SG2074-2
Design Challenges
Presently, the vast majority of SMPS are
implemented in an analog fashion. But
analog implementations have significant
disadvantages that can be rectified by
implementing the SMPS using modern
digital mechanisms. Until recently, this
has not been cost effective, due to
performance and cost of the processors
required to do the job. The 56F800 and
56F8300 hybrid controllers specified
here have the required performance,
peripherals, and price targets to enable
SMPS to make the conversion from
analog to digital implementations.
Freescale Semiconductor Solution
The digital 56800/E Switched-Mode
Power Supply minimizes the number of
system components, maximizes the
system reliability, and makes it possible
to easily add advanced functions without
increasing cost.
The performance, integrated peripherals,
and low cost of the 56F800 and 56F8300
controllers specified here make the
digital SMPS possible and practical.
The system in this example is a 100-
Watt SMPS controlled by a 56F801
device on the primary side and a
56F8323 on the secondary side.
Optional components could include user
interfaces, such as an LCD or LED
display.
During normal operation, an AC/DC
rectifier controlled by a 56F801 will
correct the input power factor while
simultaneously rectifying the AC input
voltage. The output of the AC/DC
rectifier is a DC voltage that will feed the
DC/DC converter, which is controlled by
a 56F8323 device. The DC/DC converter
has a full bridge topology, used to
convert the DC Bus voltage to a precise
and constant DC output voltage. For the
Power Factor Correction (PFC)
converter, the 56F801 samples the input
AC voltage, input AC current, and DC
output voltage. The output DC voltage is
regulated by the 56F801, while
maintaining the same phase for both the
AC input current and voltage. The PWM
module on the 56F801 produces the
PWM pulse for the PFC main power
component. The DC/DC converter
controlled by the 56F8323 is operating
on a phase-shifted soft-switching mode,
so that switching losses and noise can
be kept to a minimum.
Control functions implemented within the
primary hybrid controller are:
> Input power factor correction
> Automatic detection of input voltage
frequency
Control functions implemented within the
secondary hybrid controller are:
> Power on/off control
> DC Bus voltage regulation
> Output DC voltage regulation
> DC/DC full-bridge phase-shifted
control strategy
> Power system monitoring and
communication protocols (optional)
> Fault and mode management
Freescale Ordering Information
Part Number
Product Highlights
Additional Information
DSP56F801
80 MHz, 40 MIPS, SCI, SPI, ADC, PWM, Quad Timer and
> 8K Program Flash
> 1K Program RAM
>2K Data Flash
> 1K Data RAM
MCU-friendly instruction set, OnCE for debug,
on-chip relaxation oscillator, 2K BootFLASH and
up to 11 GPIO available in a 48-pin LQFP.
DSP56F802
80 MHz, 40 MIPS, SCI, SPI, ADC, PWM, Quad Timer and
> 8K Program Flash
> 1K Program RAM
>2K Data Flash
> 1K Data RAM
MCU-friendly instruction set, OnCE for debug,
on-chip relaxation oscillator, 2K BootFLASH and
up to 4 GPIO available in a 32-pin LQFP.
DSP56F803
80 MHz, 40 MIPS, CAN, SCI, SPI, ADC, PWMs, Quadrature Decoder,
Quad Timer and
> 31.5K Program Flash
> 512K Program RAM
>4K Data Flash
> 2K Data RAM
MCU-friendly instruction set, OnCE for debug,
on-chip relaxation oscillator,2K BootFLASH,
external memory expansion, and up to 16 GPIO
available in a 100-pin LQFP.
MC56F8322
60 MHz, 60 MIPS, 2 SPI, 2 SCI, 2 ADC, PWM, COP, PLL, Decoder, 2 Quad
Timers, FlexCAN, an MCU-friendly instruction set, Enhanced OnCE for debug,
on-chip relaxation oscillator, and temperature sensor with
> 48KB Flash
> 12KB RAM
Industrial (-40°C to 105°C) and Extended (-40°C to
125°C) Temperature Ranges with up to 21 GPIOs
in a 48-pin LQFP
MC56F8323
60 MHz, 60 MIPS, 2 SPI, 2 SCI, 2 ADC, PWM, COP, PLL, Decoder, 2 Quad
Timers, FlexCAN, an MCU-friendly instruction set, Enhanced OnCE for debug,
on-chip relaxation oscillator, and temperature sensor with
> 48KB Flash
> 12KB RAM
Industrial (-40°C to 105°C) and Extended (-40°C to
125°C) Temperature Ranges with up to 27 GPIOs
in a 64-pin LQFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com