Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP3906 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP3906
Description  -0.2A, -40V PNP Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP3906 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP3906 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
BCP3906
-0.2A, -40V
PNP Epitaxial Planar Transistor
14-Jul-2014 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Complementary to BCP3904
Low Current
Low Voltage
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current -Continuous
IC
-0.2
A
Collector Power Dissipation
PC
0.5
W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-40
-
-
V
IC= -10µA, IE=0
Collector-emitter breakdown
voltage
V(BR)CEO
-40
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-6
-
-
V
IE= -10µA, IC=0
Collector cut-off current
ICBO
-
-
-
-0.05
µA
VCB= -30V, IE=0
Emitter cut-off current
IEBO
-
-
-0.05
µA
VEB= -6V, IC=0
Collector ut-off current
ICEX
-
-
-0.05
µA
VCB= -30V, VBE(off)= -3V
hFE(1)
60
-
-
-
VCE= -1V, IC= -0.1mA
hFE(2)
80
-
-
-
VCE= -1V, IC= -1mA
hFE(3)
100
-
300
-
VCE= -1V, IC= -10mA
hFE(4)
60
-
-
-
VCE= -1V, IC= -50mA
DC current gain
hFE(5)
30
-
-
-
VCE= -1V, IC= -100mA
VCE(sat)1
-
-
-0.25
V
IC= -10mA, IB= -1mA
Collector-emitter saturation voltage
VCE(sat)2
-
-
-0.4
V
IC= -50mA, IB= -5mA
VBE(sat)1
-0.65
-
-0.85
V
IC= -10mA, IB= -1mA
Base-emitter saturation voltage
VBE(sat)2
-
-
-0.95
V
IC= -50mA, IB= -5mA
Transition frequency
fT
250
-
-
MHz
VCE= -20V, IC= -10mA, f=100MHz
Collector Capacitance
CC
-
4.5
-
pF
VCB= -5V, IE=0, f=1MHz
Emitter Capacitance
CE
-
10
-
pF
VEB= -0.5V, IC=0, f=1MHz
Noise Figure
NF
-
4
-
dB
VCE= -5V, IC= -0.1mA,
f=10Hz~15.7kHz, RS=1K
Delay Time
TD
-
35
-
Rise Time
TR
-
35
-
Storage Time
TS
-
225
-
Fall Time
TF
-
75
-
nS
IC= -10mA, IB1= -IB2= -1mA
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2
0
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
2A


Similar Part No. - BCP3906

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP3906 SECOS-BCP3906_15 Datasheet
79Kb / 1P
PNP Epitaxial Planar Transistor
More results

Similar Description - BCP3906

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SD1766 SECOS-2SD1766 Datasheet
248Kb / 2P
2A, 40V NPN Epitaxial Planar Transistor
BCP3904 SECOS-BCP3904 Datasheet
79Kb / 1P
0.2A, 60V NPN Epitaxial Planar Transistor
BCP8050 SECOS-BCP8050 Datasheet
421Kb / 2P
1.5A, 40V NPN Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com