Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9737 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9737
Description  5V Capable Low-Voltage DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9737 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9737 Datasheet HTML 1Page - Richtek Technology Corporation RT9737 Datasheet HTML 2Page - Richtek Technology Corporation RT9737 Datasheet HTML 3Page - Richtek Technology Corporation RT9737 Datasheet HTML 4Page - Richtek Technology Corporation RT9737 Datasheet HTML 5Page - Richtek Technology Corporation RT9737 Datasheet HTML 6Page - Richtek Technology Corporation RT9737 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary
RT9737
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS9737-00
February
2014
www.richtek.com
7
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
0.500
0.600
0.020
0.024
A1
0.170
0.230
0.007
0.009
b
0.240
0.300
0.009
0.012
D
1.190
1.290
0.047
0.051
D1
0.800
0.031
E
1.190
1.290
0.047
0.051
E1
0.800
0.031
e
0.400
0.016
WL-CSP-9B 1.24x1.24 (BSC) Package
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1
st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot assume
responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be accurate and
reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com