Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS651 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MPS651
Description  0.625 W, 2 A, 60 V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MPS651 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MPS651 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MPS651 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MPS651
0.625 W, 2 A, 60 V
NPN Plastic Encapsulated Transistor
18-Dec-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Switching and Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
80
V
Collector - Emitter Voltage
VCEO
60
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
2
A
Collector Dissipation
Pc
0.625
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
80
-
-
V
IC=100
µA, I
E = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO*
60
-
-
V
IC=10 mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10
µA, I
C = 0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=80 V, IE = 0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=4 V, IC = 0
HFE(1) *
75
-
-
VCE=2V, IC=50mA
HFE(2) *
75
-
-
VCE=2V, IC=500mA
HFE(3) *
75
-
-
VCE=2V, IC=1A
DC Current Gain
HFE(4) *
40
-
-
VCE=2V, IC=2A
-
-
0.5
V
IC=2A, IB=200mA
Collector-Emitter Saturation Voltage
VCE(sat) *
-
-
0.3
V
IC=1A, IB=100mA
Base-Emitter Saturation Voltage
VBE(sat) *
-
-
1.2
V
IC=1A, IB=100mA
Base-Emitter On Voltage
VBE(on) *
-
-
1
V
VCE=2V, IC=1A
Transition Frequency
fT
75
-
-
MHz
VCE = 5V, IC = 50 mA, f = 100 MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - MPS651

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
ON Semiconductor
MPS651 ONSEMI-MPS651 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
MPS651 ONSEMI-MPS651 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Micro Commercial Compon...
MPS651 MCC-MPS651 Datasheet
233Kb / 3P
NPN Encapsulate Transistors
More results

Similar Description - MPS651

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com